Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9486F Datasheet(PDF) 15 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 15 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 11Page - Rohm BD9486F_16 Datasheet HTML 12Page - Rohm BD9486F_16 Datasheet HTML 13Page - Rohm BD9486F_16 Datasheet HTML 14Page - Rohm BD9486F_16 Datasheet HTML 15Page - Rohm BD9486F_16 Datasheet HTML 16Page - Rohm BD9486F_16 Datasheet HTML 17Page - Rohm BD9486F_16 Datasheet HTML 18Page - Rohm BD9486F_16 Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Datasheet
Datasheet
15/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●3.2.2 Shutdown Method and REG50 Capacitance Setting
When this IC shuts down, VOUT discharge function works. Indicated below is the sequence.
Figure 22. The waveform and diagram at shutdown
○Sequence explanation of shutdown
1. When STB=L, GATE and REG50 stop.
2. While STB=L and REG50UVLO=H, DIMOUT asserts the same logic of PWM. And VOUT is discharged until
REG50=5.0V reaches 2.3V by -5μA(typ.).
3. When VOUT is discharged enough by ILED, ILED doesn’t get to flow.
4. When REG50 voltage reaches under 2.3V(typ), whole system is shutdown.
○Setting method of REG50 capacitance
When REG50 terminal capacitance is defined as CREG , shutdown time TOFF is decided by the following equation.
When discharge function is used, PWM signal must be continuously inputted after STB=L.
VOUT discharge time is longest when PWM is set on mininum DUTY.
Please set CREG capacitance value with margin so that the system is shutdown after VOUT is discharged enough.
Please refer “1.6External Components Recommended Range” when setting CREG capacitance.
●3.2.3 VCC Series Resistance Setting
Here are the following effects of inserting series resistor Rvcc into VCC
line.
(i) In order to drop the voltage VCC, it is possible to suppress the heat
generation of the IC.
(ii) It can limit the inflow current to VCC line.
However, if resistance RVCC is set bigger, VCC voltage becomes under
minimum operation voltage (VCC<9V). RVCC must be set to an
appropriate series resistance.
Especially, after STB is set to High, IREG may become large and VCC
may fall greatly in the section charged to the capacitor of REG50
terminal depending on the external circuit of a VCC terminal.
Even in such a case, please set up to be set to VCC>9V in an operating
condition.
IC’s inflow current line I_IN has the following inflow lines.
・
IC’s circuit current…ICC
・
Current of RREG connected to REG50…IREG
・
Current to drive FET’s Gate…I_GATE
These decide the voltage ΔV at RVCC.
VCC terminal voltage at that time can be expressed as follows.
Here, judgement is the 9V minimum operation voltage.
Please consider a sufficient margin when setting the series resistor of VCC.

]
V
[
9
]
Ω
[
RVCC
]
A
[
IREG
]
A
[
IDCDC
]
A
[
ICC
]
V
[
VIN
[V]
VCC
 
 
 
 
 
 
 
 
 
 
Figure 23. VCC series resistance
circuit example
[sec]
]
[
5
]
[
)
3
.
2
0
.
5
(
]
[
 
 
 
A
V
F
C
T
REG
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com