Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9486F Datasheet(PDF) 4 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 4 Page - Rohm

  BD9486F_16 Datasheet HTML 1Page - Rohm BD9486F_16 Datasheet HTML 2Page - Rohm BD9486F_16 Datasheet HTML 3Page - Rohm BD9486F_16 Datasheet HTML 4Page - Rohm BD9486F_16 Datasheet HTML 5Page - Rohm BD9486F_16 Datasheet HTML 6Page - Rohm BD9486F_16 Datasheet HTML 7Page - Rohm BD9486F_16 Datasheet HTML 8Page - Rohm BD9486F_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Datasheet
Datasheet
4/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●1.9 Electrical Characteristics
(Unless otherwise specified, Ta=25°C,VCC=12V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
【LED Protection Block】
LED OCP Detect Voltage
VLEDOCP
2.88
3.0
3.12
V
VISENSE=SWEEP UP
Over Boost Detection Voltage
VFBH
3.84
4.00
4.16
V
VFB=SWEEP UP
【Dimming Block】
ADIM Pin Leak Current
ILADIM
-2
0
2
μA
VADIM=2.0V
ISENSE Pin Leak Current
IL_ISENSE
-2
0
2
μA
VISENSE=4.0V
DIMOUT Source ON
Resistance
RONSO
5.0
10
20
DIMOUT Sink ON Resistance
RONSI
4.0
8.0
16
【REG50 Block】
REG50 Output Voltage 1
REG50_1
4.95
5.00
5.05
V
IO=0mA
REG50 Output Voltage 2
REG50_2
4.925
5.00
5.075
V
IO=-5mA
REG50 Available Current
| IREG50 |
5
-
-
mA
REG50_UVLO Detect Voltage
REG50_TH
2.0
2.3
2.6
V
VREG50=SWEEP DOWN
VSTB=0V
REG50 Discharge Current
REG50_DIS
3.0
5.0
7.0
μA
STB=ON->OFF, REG50=4.0V,
PWM=L
【STB Block】
STB Pin HIGH Voltage
STBH
2.0
-
18
V
STB Pin LOW Voltage
STBL
-0.3
-
0.8
V
STB Pull Down Resistance
RSTB
600
1000
1400
kΩ
VSTB=3.0V
【PWM Block】
PWM Pin HIGH Voltage
PWM_H
1.5
-
18
V
PWM Pin LOW Voltage
PWM_L
-0.3
-
0.8
V
PWM Pin Pull Down Resistance
RPWM
600
1000
1400
kΩ
VPWM=3.0V
【FAIL Block 】
CP Detect Voltage
VCP
2.85
3.0
3.15
V
VCP=SWEEP UP
CP Charge Current
ICP
2.7
3.0
3.3
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com