Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9486F Datasheet(PDF) 26 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 26 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 22Page - Rohm BD9486F_16 Datasheet HTML 23Page - Rohm BD9486F_16 Datasheet HTML 24Page - Rohm BD9486F_16 Datasheet HTML 25Page - Rohm BD9486F_16 Datasheet HTML 26Page - Rohm BD9486F_16 Datasheet HTML 27Page - Rohm BD9486F_16 Datasheet HTML 28Page - Rohm BD9486F_16 Datasheet HTML 29Page - Rohm BD9486F_16 Datasheet HTML 30Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Datasheet
Datasheet
26/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
3.5.4 Soft Start Function
STB
3.0V
2.8V
PWM
OVP
SS
2.7V
3.0V
7.2V
7.5V
UVLO
VCCUVLO
REG50UVLO
(*1)
(*2)(*3)
(*4)
(*5)
(*6)
(*7)
2.3V
2.6V
RT
2.0V
4clk
Figure 35. Soft Start Function
(*1)…The SS pin charge does not start by just STB=H. PWM=H is required to start the soft start. In the low SS voltage, the
GATE pin duty depends on the SS voltage. And while the SS is less than 0.4V, the pulse does not output.
(*2)…By the time STB=L, the SS pin is discharged immediately. As REG50UVLO=H, RT is still High.
(*3)…As the STB recovered to STB=H, The SS charge starts immediately by the logic PWM=H in this chart.
(*4)…The SS pin is discharged immediately by the UVLO=L.
(*5)…The SS pin is discharged immediately by the VCCUVLO=L.
(*6)…The SS pin is discharged immediately by the REG50UVLO=L.
(*7)…The SS pin is not discharged by the abnormal detection of the latch off type such as OVP until the latch off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com