Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9486F Datasheet(PDF) 25 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 25 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 21Page - Rohm BD9486F_16 Datasheet HTML 22Page - Rohm BD9486F_16 Datasheet HTML 23Page - Rohm BD9486F_16 Datasheet HTML 24Page - Rohm BD9486F_16 Datasheet HTML 25Page - Rohm BD9486F_16 Datasheet HTML 26Page - Rohm BD9486F_16 Datasheet HTML 27Page - Rohm BD9486F_16 Datasheet HTML 28Page - Rohm BD9486F_16 Datasheet HTML 29Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Datasheet
Datasheet
25/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
3.5.3 Turn Off
REG50UVLO
STB
REG50
2.3V
DIMOUT
GATE
Vout
SS
ON
Dischange
OFF
(*1)
(*2)
PWM
RT
2.0V
STATE
Figure 34. Turn Off
(*1)…As STB=H→L、boost operation stops and REG50 starts to discharge.
(*2)…While STB=L, REG50UVLO=H, DIMOUT becomes same as PWM. REG50=5.0V is discharged by -5μA until
REG50=2.3V,and then IC becomes OFF state. REG50 is discharged rapidly and RT becomes 0V at the same time. VOUT is
discharged completely until this time. It should be set to avoid a sudden brightness.
About capacitance value setting of REG50, please refer to the section 3.2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com