Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C51RA2-VCKB Datasheet(PDF) 73 Page - ATMEL Corporation

Part # TS80C51RA2-VCKB
Description  High Performance 8-bit Microcontrollers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VCKB Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button TS80C51RA2-VCKB Datasheet HTML 66Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 67Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 68Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 69Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 70Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 71Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 72Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 73Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 74Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
Rev. C - 06 March, 2001
73
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
11. Ordering Information
Table 47. Maximum Clock Frequency
Code
-M
-V
-L
Unit
Standard Mode, oscillator frequency
Standard Mode, internal frequency
40
40
40
40
30
30
MHz
X2 Mode, oscillator frequency
X2 Mode, internal equivalent frequency
20
40
30
60
20
40
MHz
Packages:
A: PDIL 40
B: PLCC 44
E: VQFP 44 (1.4mm)
J: Window CDIL 40*
K: Window CQPJ 44*
L: PLCC68 (RD devices only)*
M: VQFP64, square package, 1.4mm
(RD devices only)*
N: JLCC68 (RD devices only)*
TS
-M:
VCC: 5V +/- 10%
40 MHz, X1 mode
20 MHz, X2 mode
-V:
VCC: 5V +/- 10%
40 MHz, X1 mode
30 MHz, X2 mode
-L:
VCC: 2.7 to 5.5 V
30 MHz, X1 mode
20 MHz, X2 mode
-E:
Samples
Part Number
80C51RA2 (ROMless, 256 bytes XRAM)
80C51RD2 (ROMless, 768bytes XRAM)
83C51RB2zzz (16k ROM, zzz is the customer code)
83C51RC2zzz (32k ROM, zzz is the customer code)
83C51RD2zzz (64k ROM, zzz is the customer code)
87C51RB2 (16k OTP EPROM)
87C51RC2 (32k OTP EPROM)
87C51RD2 (64k OTP EPROM)
C
Temperature Range
C: Commercial 0 to 70oC
I: Industrial -40 to 85oC
-M
Conditioning
R: Tape & Reel
D: Dry Pack
B: Tape & Reel and
Dry Pack
R
(*) Check with Atmel Wireless & Microcontrollers Sales Office for availability. Ceramic packages (J, K, N) are available for proto
typing, not for volume production. Ceramic packages are available for OTP only.
87C51RD2
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com