Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C51RA2-VCKB Datasheet(PDF) 17 Page - ATMEL Corporation

Part # TS80C51RA2-VCKB
Description  High Performance 8-bit Microcontrollers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VCKB Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button TS80C51RA2-VCKB Datasheet HTML 13Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 14Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 15Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 16Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 17Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 18Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 19Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 20Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
Rev. C - 06 March, 2001
17
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
Figure 4. Internal and External Data Memory Address
Table 5. Auxiliary Register
AUXR
AUXR
Address 08EH
-
-
-
-
-
-
EXTRA
M
AO
Reset value
X
X
X
X
X
X
0
0
Symbol
Function
-
Not implemented, reserved for future use.a
a.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and
its active value will be 1. The value read from a reserved bit is indeterminate.
AO
Disable/Enable ALE
AO
Operating Mode
0
ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if
X2 mode is used)
1
ALE is active only during a MOVX or MOVC instruction
EXTRAM
Internal/External RAM (00H-FFH) access using MOVX @ Ri/ @ DPTR
EXTRAM
Operating Mode
0
Internal XRAM access using MOVX @ Ri/ @ DPTR
1
External data memory access
XRAM
256 bytes
Upper
128 bytes
Internal
Ram
Lower
128 bytes
Internal
Ram
Special
Function
Register
80
80
00
FF(RA, RB, RC)/2FF (RD)
FF
00
FF
External
Data
Memory
0000
0100 (RA, RB, RC) or 0300 (RD)
FFFF
indirect accesses
direct accesses
direct or indirect
accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com