Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C51RA2-VCKB Datasheet(PDF) 14 Page - ATMEL Corporation

Part # TS80C51RA2-VCKB
Description  High Performance 8-bit Microcontrollers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VCKB Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button TS80C51RA2-VCKB Datasheet HTML 10Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 11Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 12Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 13Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 14Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 15Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 16Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 17Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
14
Rev. C - 06 March, 2001
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
6.2. Dual Data Pointer Register Ddptr
The additional data pointer can be used to speed up code execution and reduce code size in a number of
ways.
The dual DPTR structure is a way by which the chip will specify the address of an external data memory
location. There are two 16-bit DPTR registers that address the external memory, and a single bit called
DPS = AUXR1/bit0 (See Table 4.) that allows the program code to switch between them (Refer to Figure 3).
Figure 3. Use of Dual Pointer
Table 4. AUXR1: Auxiliary Register 1
Application
Software can take advantage of the additional data pointers to both increase speed and reduce code size, for
example, block operations (copy, compare, search ...) are well served by using one data pointer as a ’source’
pointer and the other one as a "destination" pointer.
AUXR1
Address 0A2H
-
-
-
-
GF3
-
-
DPS
Reset value
X
X
X
X
0
X
X
0
Symbol
Function
-
Not implemented, reserved for future use.a
a.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new feature. In that case, the reset value of the new bit will be 0, and its active
value will be 1. The value read from a reserved bit is indeterminate.
b.
GF3 will not be available on first version of the RC devices.
DPS
Data Pointer Selection.
DPS
Operating Mode
0
DPTR0 Selected
1
DPTR1 Selected
GF3
This bit is a general purpose user flagb.
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com