Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C51RA2-VCKB Datasheet(PDF) 66 Page - ATMEL Corporation

Part # TS80C51RA2-VCKB
Description  High Performance 8-bit Microcontrollers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VCKB Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button TS80C51RA2-VCKB Datasheet HTML 62Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 63Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 64Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 65Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 66Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 67Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 68Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 69Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
66
Rev. C - 06 March, 2001
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
Table 40. AC Parameters for a Fix Clock
Speed
-M
40 MHz
-V
X2 mode
30 MHz
60 MHz equiv.
-V
standard mode
40 MHz
-L
X2 mode
20 MHz
40 MHz equiv.
-L
standard mode
30 MHz
Units
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
TRLRH
130
85
135
125
175
ns
TWLWH
130
85
135
125
175
ns
TRLDV
100
60
102
95
137
ns
TRHDX
0
0
0
0
0
ns
TRHDZ
30
18
35
25
42
ns
TLLDV
160
98
165
155
222
ns
TAVDV
165
100
175
160
235
ns
TLLWL
50
100
30
70
55
95
45
105
70
130
ns
TAVWL
75
47
80
70
103
ns
TQVWX
10
7
15
5
13
ns
TQVWH
160
107
165
155
213
ns
TWHQX
15
9
17
10
18
ns
TRLAZ
0
0
0
0
0
ns
TWHLH
10
40
7
27
15
35
5
45
13
53
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com