Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C51RA2-VCKB Datasheet(PDF) 31 Page - ATMEL Corporation

Part # TS80C51RA2-VCKB
Description  High Performance 8-bit Microcontrollers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VCKB Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button TS80C51RA2-VCKB Datasheet HTML 27Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 28Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 29Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 30Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 31Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 32Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 33Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 34Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
Rev. C - 06 March, 2001
31
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
6.5.2. 16-bit Software Timer / Compare Mode
The PCA modules can be used as software timers by setting both the ECOM and MAT bits in the modules
CCAPMn register. The PCA timer will be compared to the module's capture registers and when a match
occurs an interrupt will occur if the CCFn (CCON SFR) and the ECCFn (CCAPMn SFR) bits for the module
are both set (See Figure 10).
Figure 10. PCA Compare Mode and PCA Watchdog Timer
Before enabling ECOM bit, CCAPnL and CCAPnH should be set with a non zero value, otherwise an unwanted
match could happen. Writing to CCAPnH will set the ECOM bit.
Once ECOM set, writing CCAPnL will clear ECOM so that an unwanted match doesn’t occur while modifying
the compare value. Writing to CCAPnH will set ECOM. For this reason, user software should write CCAPnL first,
and then CCAPnH. Of course, the ECOM bit can still be controlled by accessing to CCAPMn register.
CH
CL
CCAPnH
CCAPnL
ECOMn
CCAPMn, n = 0 to 4
0xDA to 0xDE
CAPNn MATn
TOGn PWMn ECCFn
CAPPn
16 bit comparator
Match
CCON
0xD8
PCA IT
Enable
PCA counter/timer
RESET *
CIDL
CPS1
CPS0
ECF
CMOD
0xD9
WDTE
* Only for Module 4
Reset
Write to
CCAPnL
Write to
CCAPnH
CF
CCF2
CCF1
CCF0
CR
CCF3
CCF4
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com