Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C51RA2-VCKB Datasheet(PDF) 15 Page - ATMEL Corporation

Part # TS80C51RA2-VCKB
Description  High Performance 8-bit Microcontrollers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VCKB Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button TS80C51RA2-VCKB Datasheet HTML 11Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 12Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 13Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 14Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 15Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 16Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 17Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 18Page - ATMEL Corporation TS80C51RA2-VCKB Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Rev. C - 06 March, 2001
15
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
ASSEMBLY LANGUAGE
; Block move using dual data pointers
; Destroys DPTR0, DPTR1, A and PSW
; note: DPS exits opposite of entry state
; unless an extra INC AUXR1 is added
;
00A2
AUXR1 EQU 0A2H
;
0000 909000
MOV DPTR,#SOURCE
; address of SOURCE
0003 05A2
INC
AUXR1
; switch data pointers
0005 90A000
MOV DPTR,#DEST
; address of DEST
0008
LOOP:
0008 05A2
INC
AUXR1
; switch data pointers
000A E0
MOVX A,@DPTR
; get a byte from SOURCE
000B A3
INC
DPTR
; increment SOURCE address
000C 05A2
INC
AUXR1
; switch data pointers
000E F0
MOVX @DPTR,A
; write the byte to DEST
000F A3
INC
DPTR
; increment DEST address
0010 70F6
JNZ
LOOP
; check for 0 terminator
0012 05A2
INC
AUXR1
; (optional) restore DPS
INC is a short (2 bytes) and fast (12 clocks) way to manipulate the DPS bit in the AUXR1 SFR. However,
note that the INC instruction does not directly force the DPS bit to a particular state, but simply toggles it.
In simple routines, such as the block move example, only the fact that DPS is toggled in the proper sequence
matters, not its actual value. In other words, the block move routine works the same whether DPS is '0' or '1'
on entry. Observe that without the last instruction (INC AUXR1), the routine will exit with DPS in the
opposite state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com