Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8026 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 24Page - Microchip Technology MCP8026 Datasheet HTML 25Page - Microchip Technology MCP8026 Datasheet HTML 26Page - Microchip Technology MCP8026 Datasheet HTML 27Page - Microchip Technology MCP8026 Datasheet HTML 28Page - Microchip Technology MCP8026 Datasheet HTML 29Page - Microchip Technology MCP8026 Datasheet HTML 30Page - Microchip Technology MCP8026 Datasheet HTML 31Page - Microchip Technology MCP8026 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
MCP8025/6
DS20005339B-page 28
 2016 Microchip Technology Inc.
The SMPS enters Pulse Frequency Modulation (PFM)
mode at light loads, improving efficiency at the expense
of higher output voltage ripple. The PFM circuitry
provides a means to disable the SMPS as well. If the
SMPS is not utilized in the application, connecting the
feedback pin (FB) to an external supply (2.5V to 5.5V)
will force the SMPS to a shutdown state.
The maximum inductor value for operation in
Discontinuous Conduction mode can be determined by
using Equation 4-1.
EQUATION 4-1:
LMAX SIMPLIFIED
Using the LMAX inductor value calculated using
Equation 4-1 will ensure Discontinuous Conduction
mode operation for output load currents below the
critical current level, IO(CRIT). For example, with an
output voltage of +5V, a standard inductor value of
4.7 µH will ensure Discontinuous Conduction mode
operation with an input voltage of 6V, a switching
frequency of 468 kHz and a critical load current of
150 mA.
The output voltage is set by using a resistor divider
network. The resistor divider is connected between the
inductor output and ground. The divider common point
is connected to the FB pin which is then compared to
an internal 1.25V reference voltage.
The buck regulator will set the BIOCPW bit in the
STAT0 register and send a STATUS_0 message to the
host whenever the input switching current exceeds
2.5A peak (typical). The bit will be cleared when the
peak input switching current drops back below the 2.5A
(typical) limit. This is a warning bit only, no action is
taken to shut down the buck operation. The overcurrent
limit will shorten the buck duty cycle and therefore limit
the maximum power out of the buck regulator.
The buck regulator will set the BUVLOW bit in the
STAT0 register and send a STATUS_0 message to the
host whenever the output voltage drops below 90% of
the rated output voltage. The bit will be cleared when
the output voltage returns to 94% of the rated value.
If the buck regulator output voltage falls below 80% of
rated output voltage, the device will shut down with a
Buck Undervoltage Lockout Fault. The BUVLOF bit in
the STAT0 register will be set and a STATUS_0
message will be sent to the host. The ILIMIT_OUT
signal will transition low to indicate the fault.
The Voltage Supervisor is designed to shut down the
buck regulator when VDD rises above AOVLOSTOP.
When shutting down the buck regulator is not
desirable, the user should add a voltage suppression
device to the VDD input in order to prevent VDD from
rising above AOVLOSTOP.
The Voltage Supervisor is also designed to shut down
the
buck
regulator
when
VDD falls below
UVLOBK_STOP.
The device will set the BUVLOF bit in the STAT0
register and send a STATUS_0 message to the host
when
the
buck
input
voltage
drops
below
UVLOBK_STOP.
Table 4-1 shows the faults that will disable the buck
regulator.
4.2.4
CHARGE PUMP
An unregulated charge pump is utilized to boost the
input to the +12V LDO during low input conditions.
When the input bias to the device (VDD) drops below
CPSTART, the charge pump is activated. When
activated, 2 x VDD is presented to the input of the
+12V LDO, which maintains a minimum of +10V at its
output.
The typical charge pump flying capacitor is a 0.1 µF to
1.0 µF ceramic capacitor.
4.2.5
SUPERVISOR
The bias generator incorporates a voltage supervisor
and a temperature supervisor.
4.2.5.1
Brownout – Configuration Lost
When the device first powers up or when VDD drops
below 3.8V, the brown-out reset warning flag bit
(BORW) in the STAT1 register will be set. The bit is only
a warning indicating that the contents of the configura-
tion registers may have been compromised by a low
supply voltage condition. The host processor should
send new configuration information to the device.
4.2.5.2
Voltage Supervisor
The voltage supervisor protects the device, the
external
power
MOSFETs
and
the
external
microcontroller from damage caused by overvoltage or
undervoltage of the input supply, VDD.
In
the
event
of
an
undervoltage
condition
(VDD < +5.5V) or an overvoltage condition of the
MCP8025 device (VDD > +20V), the motor drivers are
switched off. The bias generator, the communication
port and the remainder of the motor control unit remain
active. The failure state is flagged on the DE2 pin with
a status message. In extreme overvoltage conditions
(VDD > +32V), all functions are turned off.
In the event of a severe undervoltage condition
(VDD < +4.0V), the buck regulator will be disabled. If
the set point of the buck regulator output voltage is
above the buck undervoltage lockout value, the buck
output voltage will decrease as VDD decreases.
L
MAX
V
O
1
V
O
V
IN
--------
–


T
2I
OCRIT

----------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com