Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8026 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 10Page - Microchip Technology MCP8026 Datasheet HTML 11Page - Microchip Technology MCP8026 Datasheet HTML 12Page - Microchip Technology MCP8026 Datasheet HTML 13Page - Microchip Technology MCP8026 Datasheet HTML 14Page - Microchip Technology MCP8026 Datasheet HTML 15Page - Microchip Technology MCP8026 Datasheet HTML 16Page - Microchip Technology MCP8026 Datasheet HTML 17Page - Microchip Technology MCP8026 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
MCP8025/6
DS20005339B-page 14
 2016 Microchip Technology Inc.
Back EMF Sampler Phase Multiplexer (MCP8025)
MUX[1:2] Input Pull Down
RPULLDN
—47
—
k
Transition Time
tTRAN
—
150
250
ns
(Note 2)
Delay from MUX Select to ZC
Out
MUXDELAY
—
210
—
ns
Phase Filter Capacitors
CPHASE
—
1.5
—
pF
MUX input to ground
COMMUNICATION PORTS
Standard LIN (MCP8025)
Microcontroller Interface
TX Input Pull-Up Resistor
RPUTXD
—48
—
k
Pull up to 5V
Bus Interface
LIN Bus High-Level Input
Voltage
VHI
0.6 x
VDD
—
—
V
Recessive state
LIN Bus Low-Level Input
Voltage
VLO
——
0.4 x
VDD
V
Dominant state
LIN Bus Input Hysteresis
VHYS
——
0.175 x
VDD
VVHI –VLO
LIN Bus Low-Level Output
Current
IOL
7.3
—
—
mA
VO =0.2 xVDD, VDD =8V
16.5
—
—
VO =0.2 xVDD, VDD = 18V
30.6
—
—
VO =0.251 x VDD, VDD =18V
LIN Bus Input Pull-Up Current
IPU
5
—
180
µA
LIN Bus Short-Circuit Current
Limit
ISC
50
—
200
mA
LIN Bus Low-Level Output
Voltage
VOL
——
0.2 x
VDD
V
LIN Bus Input Leakage Current
(at receiver during dominant
bus level)
IBUS_PAS_DOM
-1
—
—
mA
Driver OFF
VBUS =0V
VDD =12V
LIN Bus Input Leakage Current
(at receiver during recessive
bus level)
IBUS_PAS_REC
—
12
20
µA
Driver OFF
VBUS  VDD
7V < VBUS <19V
7V < VDD <19V
LIN Bus Input Leakage Current
(disconnected from ground)
IBUS_NO_GND
-1
—
1
mA
GND = VDD =12V
0V < VBUS <19V
LIN Bus Input Leakage Current
(disconnected from VDD)
IBUS_NO_BAT
——
10
µA
VDD =0V
0V < VBUS <19V
Receiver Center Voltage
VBUS_CNT
0.475
xVDD
0.5 x
VDD
0.525 x
VDD
VVBUS _CNT =(VHI –VLO)/2
LIN Bus Slave Pull-Up
Resistance
RPULLUP
20
30
47
k
LIN Dominant State Timeout
tDOM_TOUT
—25
—
ms
Propagation Delay
TRX_PD
—
3.0
6.0
µs
Propagation delay of receiver
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TJ = -40°C to +150°C, typical values are for +25°C, VDD = 13V.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
1000 hour cumulative maximum for ROM data retention (typical).
2:
Limits are by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com