Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8026 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 30Page - Microchip Technology MCP8026 Datasheet HTML 31Page - Microchip Technology MCP8026 Datasheet HTML 32Page - Microchip Technology MCP8026 Datasheet HTML 33Page - Microchip Technology MCP8026 Datasheet HTML 34Page - Microchip Technology MCP8026 Datasheet HTML 35Page - Microchip Technology MCP8026 Datasheet HTML 36Page - Microchip Technology MCP8026 Datasheet HTML 37Page - Microchip Technology MCP8026 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
MCP8025/6
DS20005339B-page 34
 2016 Microchip Technology Inc.
4.3.4.2
Gate Control Logic
The gate control logic provides level shifting of the
digital inputs, polarity control and cross conduction
protection.
4.3.4.2.1 Cross Conduction Protection
Logic prevents switching on one power MOSFET while
the opposite one in the same half-bridge is already
switched on. If both MOSFETs in the same half-bridge
are commanded ON simultaneously by the digital
inputs, both will be turned off.
4.3.4.2.2 Programmable Dead Time
The gate control logic employs a break-before-make
dead-time delay that is programmable. A configuration
message is provided to configure the driver dead time.
The programmable dead times range from 250 ns to
2000 ns (default) in 250 ns increments. The dead time
allows the PWM inputs to be direct inversions of each
other and still allow proper motor operation. The dead
time internally modifies the PWMH/L gate drive timing
to prevent cross conduction. The DRVDT<2:0> bits in
the CFG2 register are used to set the dead time value.
4.3.4.2.3 Programmable Blanking Time
A configuration message is provided to configure the
driver current limit blanking time. The blanking time
allows the system to ignore any current spikes that may
occur when switching the driver outputs. The allowable
blanking times are 500 ns, 1 µs, 2 µs and 4 µs
(default). The blanking time will start after the
dead-time circuitry has timed out.
The DRVBT<1:0>
bits in the CFG2 register are used to set the blanking
time value.
The blanking time affects the driver undervoltage
lockout. The driver undervoltage lockout latches the
external MOSFET undervoltage lockout fault if the
undervoltage condition lasts longer than the time
specified by the tDUVLO parameter. The tDUVLO
parameter takes into account the blanking time if
blanking is in progress.
4.4
Chip Enable (CE)
The Chip Enable (CE) pin allows the device to be
disabled by external control. The Chip Enable pin has
four modes of operation.
4.4.1
FAULT CLEARING STATE
The CE pin is used to clear any faults and re-enable the
driver. After toggling the CE pin low to high, the system
requires a minimum time period to re-enable and start
up all the driver blocks. The start-up time is
approximately 35 μs. The maximum pulse time for the
high-low-high transition to clear faults should be less
than 1 ms. If the high-low-high transition is longer than
1 ms, the device will start up from the Standby state.
Any fault status bits that are set will be cleared by the
low-to-high transition of the CE pin if, and only if, the
fault condition has ceased to exist. If the fault condition
still exists, the active fault status bit will remain active.
No additional fault messages will be sent for a fault that
remains active.
4.4.2
WAKE FROM SLEEP MODE
The CE pin is also used to awaken the device from the
Sleep mode state. To wake the device from a Sleep
mode state, the CE pin must be set low for a minimum
of 250 μs. The device will then wake up with the next
rising edge of the CE pin.
The LIN bus may be used to wake the device from the
Sleep mode state. When a LIN wake-up event is
detected on the LIN_BUS pin, the device will wake up.
The MCP8025 will wake up on the rising edge of the
bus after detecting a dominate state lasting > 150 µs
on the bus. The LIN Bus master must provide the
dominate state for > 250 µs to meet the LIN 2.2A
specifications.
TABLE 4-4:
ILIMIT_OUT FAULTS
Fault
DE2 Register
Overtemperature
0x85 0x02
Device Input Undervoltage
0x85 0x04
Driver Input Overvoltage
0x85 0x08
Device Input Overvoltage
0x85 0x10
Buck Regulator Output Undervoltage
0x85 0x80
External MOSFET Undervoltage
Lockout
0x86 0x04
External MOSFET Overcurrent
Detection
0x86 0x08
5V LDO Undervoltage Lockout
0x86 0x20
TABLE 4-5:
WARNINGS
Fault
DE2 Register
Temperature Warning
0x85 0x01
Buck Regulator Overcurrent
0x85 0x20
Buck Regulator Undervoltage
0x85 0x40
Brownout – Configuration Lost
0x86 0x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com