Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8026 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 13Page - Microchip Technology MCP8026 Datasheet HTML 14Page - Microchip Technology MCP8026 Datasheet HTML 15Page - Microchip Technology MCP8026 Datasheet HTML 16Page - Microchip Technology MCP8026 Datasheet HTML 17Page - Microchip Technology MCP8026 Datasheet HTML 18Page - Microchip Technology MCP8026 Datasheet HTML 19Page - Microchip Technology MCP8026 Datasheet HTML 20Page - Microchip Technology MCP8026 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 17
MCP8025/6
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, TA = +25°C; Junction Temperature (TJ) is approximated by soaking the device under
test to an ambient temperature equal to the desired junction temperature. The test time is small enough such that the
rise in junction temperature over the ambient temperature is not significant.
FIGURE 2-1:
LDO Line Regulation vs.
Temperature.
FIGURE 2-2:
LDO Load Regulation vs.
Temperature.
FIGURE 2-3:
ILIMIT_OUT Low to DE2
Message Delay.
FIGURE 2-4:
Bootstrap Voltage @ 92%
Duty Cycle.
FIGURE 2-5:
LDO Short-Circuit Current
vs. Input Voltage.
FIGURE 2-6:
5V LDO Dynamic Linestep –
Rising VDD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
-45
-20
5
305580
105
130
155
Temperature (°C)
V
OUT = 5V
V
OUT = 12V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-45
-20
5
30
55
80
105
130
155
Temperature (°C)
V
OUT = 5V
V
OUT = 12V
0123456789
10
Time (µs)
DE2
ILIMIT_OUT
0
5
10
15
20
25
30
35
40
45
50
Time (µs)
HSA
VBA
20
15
10
5
0
25
20
15
10
5
0
V
DD = 6V
100
105
110
115
120
125
130
135
140
145
150
7
1013161922252831
Voltage (V)
5V LDO
12V LDO
-40
-20
0
20
40
60
80
100
120
140
0
3
6
9
12
15
18
0
20406080
100
Time (µs)
V
IN = 14V
V
IN = 15V
V
OUT (AC)
C
IN = COUT = 10 µF
I
OUT = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com