Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8026 Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 44Page - Microchip Technology MCP8026 Datasheet HTML 45Page - Microchip Technology MCP8026 Datasheet HTML 46Page - Microchip Technology MCP8026 Datasheet HTML 47Page - Microchip Technology MCP8026 Datasheet HTML 48Page - Microchip Technology MCP8026 Datasheet HTML 49Page - Microchip Technology MCP8026 Datasheet HTML 50Page - Microchip Technology MCP8026 Datasheet HTML 51Page - Microchip Technology MCP8026 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
MCP8025/6
DS20005339B-page 48
 2016 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Component Calculations
5.1.1
CHARGE PUMP CAPACITORS
FIGURE 5-1:
Charge Pump.
Let:
5.1.1.1
Flying Capacitor
The flying capacitor should be chosen to charge to a
minimum of 95% (3
) of VDDH within one half of a
switching cycle.
Choose a 180 nF capacitor.
5.1.1.2
Charge Pump Output Capacitor
Solve for the charge pump output capacitance,
connected between V12P and ground, that will supply
the 20 mA load for one switch cycle. The +12V LDO
pin on the MCP8025/6 is the “V12P” pin referenced in
the calculations.
For stability reasons, the +12V LDO and +5V LDO
capacitors must be greater than 4.7 µF, so choose
C
 4.7 µF.
5.1.1.3
Charging Path (Flying Capacitor
across CAP1 and CAP2)
5.1.1.4
Transfer Path (Flying and Output
Capacitors)
5.1.1.5
Calculate the Flying Capacitor
Voltage Drop in One Cycle while
Supplying 20 mA
The second and subsequent transfer cycles will have
a higher voltage available for transfer, since the
capacitor is not completely depleted with each cycle.
VCAP will then be VCAP – dV after the first transfer,
plus VDDH –(VCAP – dV) times the RC constant. This
repeats for each subsequent cycle, allowing a larger
charge pump capacitor to be used if the system
tolerates several charge transfers before requiring
full-output voltage and current.
Repeating the steps in Section 5.1.1.3, Charging Path
(Flying Capacitor across CAP1 and CAP2) for the
second cycle (and subsequent by re-calculating for
each new value of VCAP after each transfer):
5.1.1.6
Charge Pump Results
The maximum charge pump flying capacitor value is
202 nF to maintain a 95% voltage transfer ratio on the
first charge pump cycle. Larger capacitor values may
be used but they will require more cycles to charge to
maximum voltage. The minimum required output
capacitor value is 2.65 µF to supply 20 mA for 13.3 µs
with a 100 mV drop. A larger output capacitor may be
used to cover losses due to capacitor tolerance over
temperature, capacitor dielectric and PCB losses.
IOUT =20 mA
fCP = 75 kHz (charge/discharge in one cycle)
50% duty cycle
VDDH = 6V (worst case)
RDSON =7.5 (RPMOS), 3.5 (RNMOS)
V12P = 2 x VDDH (ideal)
CESR =20 m (ceramic capacitors)
VDROP =100 mV (VOUT ripple)
TCHG =TDCHG = 0.5 x 1/75 kHz = 6.67 µs
3x
 =TCHG
 =TCHG/3
RC = TCHG/3
C= TCHG/(R x 3)
C = 6.67 µs/([7.5
 +3.5 +0.02]x 3)
C = 202 nF
C= IOUT x dt/dV
C= IOUT x13.3 µs/(VDROP +IOUT xCESR)
C = 20 mA x 13.3 µs/(0.1V + 20 mA x 20 m
)
C
 2.65 µF
Transfer
Charge
VCAP =VDDH (1 – e-T/)
VCAP = 6V (1–e – [6.67 µs/([7.5 +3.5 +20 m] x 180 nF)])
VCAP = 5.79V available for transfer
V12P = VDDH +VCAP –IOUT x dt/C
V12P = 6V + 5.79V – (20 mA x 6.67 µs/180 nF)
V12P = 11.049V
dV = IOUT x dt/C
dV = 20 mA x 6.67 µs/180 nF
dV = 0.741V @ 20 mA
VCAP =(VCAP –dV) +(VDDH –(VCAP –dV)) (1 – e-T/)
VCAP = (5.79V – 0.741V) + (6V – (5.79V – 0.741V) x
(1–e – [6.67 µs/([7.5 +3.5 +20 m]x 180 nF)])
VCAP = 5.049V + 0.951V x 0.96535
VCAP = 5.967V available for transfer on second cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com