Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8026 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 16Page - Microchip Technology MCP8026 Datasheet HTML 17Page - Microchip Technology MCP8026 Datasheet HTML 18Page - Microchip Technology MCP8026 Datasheet HTML 19Page - Microchip Technology MCP8026 Datasheet HTML 20Page - Microchip Technology MCP8026 Datasheet HTML 21Page - Microchip Technology MCP8026 Datasheet HTML 22Page - Microchip Technology MCP8026 Datasheet HTML 23Page - Microchip Technology MCP8026 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
MCP8025/6
DS20005339B-page 20
 2016 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Tables 3-1 and 3-2.
TABLE 3-1:
MCP8025 – PIN FUNCTION TABLE
QFN
TQFP
Symbol
I/O
Description
2
1
PWM1L
I
Digital input, phase A low-side control, 47 k
 pull down
3
2
PWM1H
I
Digital input, phase A high-side control, 47 k
 pull down
4
3
CE
I
Digital input, device enable, 47 k
 pull down
—
4
NC
—
No connection
—
5
NC
—
No connection
5
6
LIN_BUS
I/O
LIN Bus physical layer
—
7
PGND
Power
Power 0V reference
6
8
RX
O
LIN Bus receive data, open-drain
7
9
TX
I
LIN Bus transmit data
810
FAULTn/TXE
I/O
LIN transceiver fault and transmit enable
9
11
MUX1
I
Digital input Back EMF sampler phase multiplexer control, 47 k
 pull down
10
12
MUX2
I
Digital input Back EMF sampler phase multiplexer control, 47 k
 pull down
11
13
ZC_OUT
O
Back EMF sampler comparator output, open-drain
12
14
COMP_REF
I
Back EMF sampler comparator reference
13
15
ILIMIT_OUT
O
Current limit comparator, MOSFET driver fault output, open-drain
14
16
I_OUT1
O
Motor current sense amplifier output
15
17
ISENSE1-
I
Motor current sense amplifier inverting input
16
18
ISENSE1+
I
Motor current sense amplifier non-inverting input
17
19,20
PGND
Power
Power 0V reference
18
21
LSA
O
Phase A low-side N-channel MOSFET driver, active high
19
22
LSB
O
Phase B low-side N-channel MOSFET driver, active high
20
23
LSC
O
Phase C low-side N-channel MOSFET driver, active high
—
24
PGND
Power
Power 0V reference
21
25
HSC
O
Phase C high-side N-channel MOSFET driver, active high
22
26
HSB
O
Phase B high-side N-channel MOSFET driver, active high
23
27
HSA
O
Phase A high-side N-channel MOSFET driver, active high
24
28
PHC
I/O
Phase C high-side MOSFET driver reference, Back EMF sense input
25
29
PHB
I/O
Phase B high-side MOSFET driver reference, Back EMF sense input
26
30
PHA
I/O
Phase A high-side MOSFET driver reference, Back EMF sense input
27
31
VBC
Power
Phase C high-side MOSFET driver bias
28
32
VBB
Power
Phase B high-side MOSFET driver bias
29
33
VBA
Power
Phase A high-side MOSFET driver bias
30
34
+12V
Power
Analog circuitry and low-side gate drive bias
—
35, 36
PGND
Power
Power 0V reference
31
37
LX
Power
Buck regulator switch node, external inductor connection
32
38, 39
VDD
Power
Input Supply
33
40
FB
I
Buck regulator feedback node
34
41
+5V
Power
Internal circuitry bias
35
42
CAP2
Power
Charge pump flying capacitor input
36
43
CAP1
Power
Charge pump flying capacitor input
37
44
DE2
O
Voltage and temperature supervisor output, open-drain
38
45
PWM3L
I
Digital input, phase C low-side control, 47 k
 pull down
39
46
PWM3H
I
Digital input, phase C high-side control, 47 k
 pull down
40
47
PWM2L
I
Digital input, phase B low-side control, 47 k
 pull down
1
48
PWM2H
I
Digital input, phase B high-side control, 47 k
 pull down
EP
EP
PGND
Power
Exposed Pad. Connect to Power 0V reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com