Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562P Datasheet(PDF) 35 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 35 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 39Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
35
DM6588 External Electrical Characteristics
DM6588 External Absolute Maximum Ratings* ( 25
°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVCC,AVCC
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.3
3.6
V
Tc
Case Temperature Range
0
85
°C
Tstg
Storage Temperature Rang (Tstg)
-65
150
°C
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
220
°C
*Comments
Stresses above those listed under “Absolute
Maximum Ratings"may cause permanent damage
to the device. These are stress ratings only.
Functional operation of this device at these or any
other conditions above those indicated in the
operational section of this specification is not implied
or intended. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability
.
DM6588 External DC Electrical Characteristics (VDD = 3.3V, GND = 0V; Tc = 0
o
C to 85
o
C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
3.15
3.3
3.45
V
IDD
Operating Current
90
mA
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
IiL
Input Leakage Current
-1.0
1.0
μA
VIN = 0, 3.45V
VOH
Output High Voltage
2.4
V
IOH = -0.5mA
VOL
Output Low Voltage
0.4
V
IOL = 1.5mA
CIN
Input Capacitance
10.0
pF
VILRESET
Reset Schmitt VIL
0.8
V
VIHRESET
Reset Schmitt VIH
2.8
V
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com