Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562P Datasheet(PDF) 47 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 47 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 48Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
47
LQFP 48L (F.P. 2mm) Outline Dimensions
unit: inches/mm
y
Symbol
Dimensions in inches
Dimensions in mm
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
0.063
-
-
1.60
A1
0.002
-
0.006
0.05
-
0.15
A2
0.053
0.055
0.057
1.35
1.40
1.45
b
0.007
0.009
0.011
0.17
0.22
0.27
b1
0.007
0.008
0.009
0.17
0.20
0.23
C
0.004
-
0.008
0.09
-
0.20
C1
0.004
-
0.006
0.09
-
0.16
D
0.354BSC
9.00BSC
D1
0.276BSC
7.00BSC
E
0.354BSC
9.00BSC
E1
0.276BSC
7.00BSC
e
0.020BSC
0.50BSC
L
0.018
0.024
0.030
0.45
0.60
0.75
L1
0.039REF
1.00REF
y
0.003MAX
0.08MAX
Θ
0-12°
0-12°
Notes:
1.To be determined at seating plane.
2.Dimensions D1 and E 1do not include mold
protrusion. D1 and E1 are maximum plastic
body
size
dimensions
including
mold
mismatch.
3.Dimensions
b
does
not
include
dambar
protrusion. Total in excess of the b dimension
at
maximum
material
condition.
Dambar
cannot be located on the lower radius of the
foot.
4.Exact shape of each corner is optional.
5.These dimensions apply to the flat section of
the lead between 0.10mm and 0.25mm from
the lead tip.
6.A1 is defined as the distance from the seating
plane to the lowest point of the package body.
7.Controlling dimension: millimeter.
8.Reference documents: JEDEC MS-026, BBC.
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com