Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562P Datasheet(PDF) 42 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 42 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 46Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
42
Final
DM6580 Pin Description
Pin No.
48pin
LQFP
Pin Name
I/O
Description
2
RXIN
I
Receive Analog Input
3
AVDDR
I
Analog VDD For The Receiver Analog Circuitry (+5VDC)
4
SPKR
O
Speaker Driver
7
RXDCLK
O
Receive Data Clock
8
VDD
P
Digital Power
9
RXSCLK
O
Receive Sample Clock
10
RFS
I
Receive Frame Synchronization
15
DOR
O
Data Output For Receiver
16
DIR
I
Data Input For Receiver
17
DGND
P
Digital Ground
18
SCLK
O
Serial Clock Synchronized With All Serial Data
19
DOT
O
Data Output For Transmitter
20
DIT
I
Data Input For Transmitter
22
TFS
I
Transmit Frame Synchronization
26
TXSCLK*2
O
Transmit Sample Clock * 2
27
TXDCLK
O
Transmit Data Clock
28
CLKIN
I
Master Clock Input (20.16MHz = 40.32MHz / 2 )
29
/RESET
I
Codec Reset Input
30
EXTCLK
I
External Transmit Data Clock
33
Vr
O
Internal Reference Voltage. Connect 0.1uF to DGND
35
AVDDT
I
Analog VDD For The Transmitter Analog Circuitry (+5VDC)
39
TXA2
O
Transmit Negative Analog Output
40
TXA1
O
Transmit Positive Analog Output
41
AGNDR
P
Analog Receiver Circuitry Signal Return Path
43
VREFN
O
Negative Reference Voltage, VCM - 1V
44
VCM
O
Common Mode Voltage Output, 2.5V
45
VREFP
O
Positive Reference Voltage, VCM + 1V
46
AGNDT
P
Analog Transmitter Circuitry Signal Return Path
1,5,6,
11,12,13,
14,21,23,
24,25,31,
32,34,36,
37,38,42,
47,48
NC
N
NC
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com