Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562P Datasheet(PDF) 8 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 8 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 12Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
8
Final
Version: DM562P-DS-F01
February 02, 2004
DM6588 Pin Description
Pin No.
External
Pin No.
Internal
PCI
Pin No.
Internal
ISA
Pin Name
I/O
Description
1
1
1
TEST4
I
Test pin 4, normal ground.
External: N/C (low).
PCI: N/C (low).
ISA: connect to 3.3V.
2,3,4,5,
9,10,11,
12
UD0 - UD7
O
Modem Control Output, for external modem:
Memory address mapping of the controller is
E800H.
8
RxDCLK
I
Receive Data Rate Clock:(External)
This pin is used as reference clock of DSPRXD
pin.
18
68
68
RD_SP2
I
Data Input Pin Of The Serial Port 2:
The serial data is sampled at the falling edge of the
SCLK. The MSB is coming immediately after the
falling of FR_SP2 signal.
19
TXDCLK
I
Transmit Data Rate Clock:(External)
This pin is used as reference clock of DSPTXD
pin.
21
DSPTxD
I
Modem Transmit Data (External)
Shifted into DM6581/DM6582 from EIA port
through this pin at the rising edge of TXDCLK.
28
69
69
RD_SP1
I
Data Input Pin Of The Serial Port 1:
The serial data is sampled at the falling edge of the
SCLK. The MSB is coming immediately after the
falling of FR_SP1 signal.
6,20,37
50,77,80,
89,107,
118,123
6,20,37
50,80,89
107,118,
123
6,20,37
50,77,80,
89,107,
118,123
GND
P
Ground
22,
23,
24,
25
OUTP3,
OUTP2,
OUTP1,
OUTP0
O
Modem Control Output
For external modem, these pins are bit7~4 of the
modem control output. Memory address mapping
of the controller is C800H.
29,
30,
31,
32
INP3,
INP2,
INP1,
INP0
I
Modem Control Input:(External)
These pins are bit3~0 of the modem control input.
Memory address mapping of the controller is
C800H.
33,45
67,94,
113,128
33,45,
67,94,
113,128
33,45,
67,94,
113,128
VDD
P
+3.3V Power Supply
13,74
13,74
13,74
VCC
P
+2.5V Power Supply
34
34
34
TEST2
I
Test pin 2,normal ground
35
35
35
TEST3
I
Test pin 3,normal ground
36
RESET
I
Reset:
An active high signal used to reset the DM6588.
42
42
42
XTAL1
I
Crystal Oscillator Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com