Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562P Datasheet(PDF) 20 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 20 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 24Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
20
Final
Modem Control Register (MCR): Address 4
Reset State 00h
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0
0
0
0
0
0
RTS DTR
Bit 0: This bit asserts a Data Terminal Ready
condition that is readable via port P1.1 of the
micro-controller 80C32. When bit 0 is set to logic 1,
the P1.1 is forced to logic 0. When bit 0 is reset to
logic 0, the P1.1 is forced to logic 1.
Bit 1: This bit asserts a Request To Send condition
that is readable via port P3.4 of the micro-controller
80C32. When bit 1 is set to logic 1, the P3.4 is forced
to logic 0. When bit 1 is reset to logic 0, the P3.4 is
forced to logic 1.
Line Status Register (LSR): Address 5
Reset State 60h, Read only
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
RCV ETEMT THRE BI
FE
PE
OE
DR
This register provides status information to the host
PC concerning character transfer. Bit 1-4 indicates
error conditions that produce a Receiver Line Status
interrupt whenever any of the corresponding
conditions are detected. The Line Status Register is
valid for read operations only.
Bit 0: Set to logic 1 when a received character is
available in the RxFIFO. This bit is reset to logic 0
when the RxFIFO is empty.
Bit 1: An Overrun error will occur only after the
RxFIFO is full and the next character has overwritten
the unread FIFO data. This bit is reset upon reading
the Line Status Register.
Bit 2: A
logic 1 indicates that a received character
does not have the correct even or odd parity as
selected by the Parity Select bit. This error is set
when the corresponding character is at the top of the
RxFIFO. It will remain set until the CPU reads the
LSR.
Bit 3: This bit is the Framing Error (FE) indicator. Bit 3
indicates that the received character did not have a
valid stop bit. Bit 3 is set to a logic 1 whenever the
stop bit following the last data bit or parity bit is
detected as a zero bit (spacing level). The FE bit is
reset whenever the CPU reads the contents of the
Line Status Register. The FE error condition is
associated with the particular character in the FIFO to
which it applies. This error is revealed to the CPU
when its associated character is at the top of the
FIFO.
Bit 4: This bit is a Break Interrupt (BI) indicator. Bit 4
is set to logic 1 whenever the received data input is
held in the Spacing (logic 0) state for longer than a
full word transmission time (that is, the total time of
Start bit + data bits + Parity + Stop bits). The BI
indicator is reset whenever the CPU reads the
contents of the Line Status Register. The BI error
condition is associated with the particular character in
the FIFO to which it applies. This error is revealed to
the CPU when its associated character is at the top
of the FIFO.
Bit 5: This bit is a Transmitter Holding Register Empty
indicator. Bit 5 indicates that UART is ready to accept
a new character for transmission. In addition, this bit
causes the UART to issue an interrupt to the CPU
when the Transmit Holding Register Empty Interrupt
Enable is set high. The THRE bit is reset to logic 0
when the host CPU loads a character into the
Transmit Holding register. In the FIFO mode, this bit
is set when the TxFIFO is empty, and is cleared
when at least 1 byte is written to the TxFIFO.
Bit 6: This bit is the Transmitter Empty indicator. Bit 6
is set to a logic 1 whenever the Transmitter Holding
Register (THR) is empty, and is reset to a logic 0
whenever the THR contains a character. In FIFO
mode, this bit is set to 1 whenever the transmit FIFO
is empty.
Bit 7: In character mode, this bit is 0. In FIFO mode,
this bit is set when there is at least one parity error,
framing error, or break indication in the FIFO. If there
are no subsequent errors in the FIFO, LSR7 is
cleared when the CPU reads the LSR.
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com