Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562P Datasheet(PDF) 19 Page - Davicom Semiconductor, Inc.

Part # DM562P
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562P Datasheet(HTML) 19 Page - Davicom Semiconductor, Inc.

Back Button DM562P Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM562P Datasheet HTML 23Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
19
Version: DM562P-DS-F01
FIFO Control Register (FCR): Address 2
Reset State 00h , write only
bit7
bit6
bit5 bit4 bit3
bit2
bit1
bit0
RCVR
Trig
(MSB)
RCVR
Trig
(LSB)
0
0
DMA
Mode
TxFIFO
Reset
RxFIFO
Reset
FIFO
Enable
This is a write only register at the same location as
the IIR, which is a read only register. This register is
used to enable the FIFOs, clear the FIFOs, set the
RxFIFO trigger level, and select the type of DMA
signal.
Bit 0: FIFO Enable, This bit is always high
Bit 1: Writing a 1 to FCR1 clears all bytes in the
RxFIFO and resets the counter logic to 0.
Bit 2: Writing a 1 to FCR2 clears all bytes in the
TxFIFO and resets the counter logic to 0.
Bit 3: Setting FCR3 to 1 will cause the RXRDY and
TXRDY pins to change from mode 0 to mode
1 if FCR0 = 1.
Bit 4-5: Reserved
Bit 6-7: FCR6, FCR7 are used to set the trigger
level for the RxFIFO interrupt.
FCR7
FCR6
RxFIFO Trigger Level
0
0
01
0
1
04
1
0
08
Line Control Register (LCR): Address 3
Reset State 00h, Write Only
bit7
bit6
bit5 bit4 bit3 bit2
bit1
bit0
DLAB SBRK STP EPS PEN STB WLS1 WLS0
This register is available to maintain compatibility
with the standard 16550 register set, and provides
information to the internal hardware that is used to
determine the number of bits per character.
WLS1
WLS0
Word Length
0
0
5 bits
0
1
6 bits
1
0
7 bits
1
1
8 bits
Bit 0-1: WLS0-1 specifies the number of bits in each
transmitted and received serial character.
Bit 2: STB specifies the number of stop bits in each
transmitted character. If bit 2 is a logic 0, one
stop bit is generated in the transmitted data. If
bit 2 is a logic 1 when a 5-bit word length is
selected via bits 0 and 1, one and a half stops
are generated. If bit 2 is a logic 1 when either
a 6-, 7- or 8-bit word length is selected, two
stop bits are generated. The Receiver checks
the first Stop-bit only, regardless of the
number of Stop bits selected.
Bit 3: Logic 1 indicates that the PC has enabled
parity generation and checking.
Bit 4: Logic 1 indicates that the PC is requesting an
even number of logic 1s (even parity
generation) to be transmitted or checked.
Logic 0 indicates that the PC is requesting
odd parity generation and checking.
Bit 5: When bits 3, 4 and 5 are logic 1, the parity bit
is
transmitted and checked by the receiver
as logic 0. If bits 3 and 5 are 1 and bit 4 is
logic 0, then the parity is transmitted and
checked as logic 1.
Bit 6: This is a Break Control bit. When it is set to
logic 1, a break condition is indicated.
Bit 7: The Divisor Latch Access bit must be set to
logic 1 to access the Divisor Latches of the
baud generator during a read or write
operation. It must be set to logic 0 to access
the Receiver Buffer, the Transmitter Holding
Register, or the Interrupt Enable Register.
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com