Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS89712 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 55Page - Cirrus Logic CS89712 Datasheet HTML 56Page - Cirrus Logic CS89712 Datasheet HTML 57Page - Cirrus Logic CS89712 Datasheet HTML 58Page - Cirrus Logic CS89712 Datasheet HTML 59Page - Cirrus Logic CS89712 Datasheet HTML 60Page - Cirrus Logic CS89712 Datasheet HTML 61Page - Cirrus Logic CS89712 Datasheet HTML 62Page - Cirrus Logic CS89712 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 170 page
background image
CS89712
DS502PP2
59
by the Ethernet port without software intervention.
All other event bits are cleared only by the software
reading the appropriate event register, either direct-
ly or through the Interrupt Status Queue (ISQ).
(RxDest and Rx128 can also be cleared by the soft-
ware reading the BufEvent register, either directly
or through the Interrupt Status Queue).
2.32.3.3
Acceptance Filtering
The third step of pre-processing is to determine
whether or not to accept the frame by comparing
the frame with the criteria programmed into the Rx-
CTL register. If the receive frame passes the Ac-
ceptance filter, the frame is buffered on chip. If the
frame fails the Acceptance filter, it is discarded.
The results of the Acceptance filter are reported in
the RxEvent register.
2.32.3.4
Normal Interrupt Generation
The final step of pre-processing is to generate any
enabled interrupts that are triggered by the incom-
ing frame. Interrupt generation occurs when the en-
tire frame has been buffered (up to the first
1518 bytes). For more information about interrupt
generation, see Section 2.31, “Managing Inter-
rupts & Status Queue”.
2.32.4
Buffering Held Receive Frames
If space is available, an incoming frame will be
temporarily stored in on-chip RAM, where it
awaits processing by the software. Although this
receive frame now occupies on-chip memory, the
Ethernet port does not commit the memory space to
it until one of the following two conditions is true:
1) The entire frame has been received and the soft-
ware has learned about the frame by reading the
RxEvent register, either directly or through the
ISQ.
or:
2) The frame has been partially received, causing
either the RxDest bit (BufEvent register bit F)
or the Rx128 bit (BufEvent register bit B) to be-
come set, and the software has learned about
the receive frame by reading the BufEvent reg-
ister, either directly or through the ISQ.
When the CS89712 commits buffer space to a par-
ticular held receive frame (termed a committed re-
ceived frame), no data from subsequent frames can
be written to that buffer space until the frame is
freed from commitment. (The committed received
frame may or may not have been received error
free.)
A received frame is freed from commitment by any
one of the following conditions:
1) The software reads the entire frame sequential-
ly in the order that it was received (first byte in,
first byte out).
or:
2) The software reads part or none of the frame,
and then issues a Skip command by setting the
Skip_1 bit (RxCFG register bit 6).
or:
3) The software reads part of the frame and then
reads the RxEvent register, either directly or
through the ISQ, and learns of another receive
frame. This condition is called an "implied
Skip". Ensure that the software does not do
“implied skips.”
Both early interrupts are disabled whenever there is
a committed receive frame waiting to be processed
by the software.
There are three possible ways that the software can
learn the status of a particular frame. It can:
1) Read the Interrupt Status Queue;
2) Read the RxEvent register directly ; or
3) Read the RxStatus register.
2.32.5
Receive Frame Visibility
Only one receive frame is visible to the software at
a time. The receive frame's status can be read from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com