Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS89712 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 34Page - Cirrus Logic CS89712 Datasheet HTML 35Page - Cirrus Logic CS89712 Datasheet HTML 36Page - Cirrus Logic CS89712 Datasheet HTML 37Page - Cirrus Logic CS89712 Datasheet HTML 38Page - Cirrus Logic CS89712 Datasheet HTML 39Page - Cirrus Logic CS89712 Datasheet HTML 40Page - Cirrus Logic CS89712 Datasheet HTML 41Page - Cirrus Logic CS89712 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 170 page
background image
CS89712
38
DS502PP2
2.17.4.1
Read Back of Residual Data
All writes to the transmit FIFO must be in half-
words (i.e., in units of two bytes at a time). On the
receive side, it is possible that an odd number of
bytes will be received. Bytes are always loaded into
the receive FIFO in pairs. Consequently, in the case
of a single residual byte remaining at the end of a
transmission, it will be necessary to read the byte
separately. This is done by reading the status of two
bits in the SYSFLG2 register to determine the va-
lidity of the residual data. These two bits (RES-
VAL, RESFRM) are both set high when a residual
is valid. RESVAL is cleared on either a new trans-
mission or on reading of the residual bit by soft-
ware. RESFRM is cleared only on a new
transmission. By popping the residual byte into the
RX FIFO and then reading the status of these bits it
is possible to determine if a residual bit has been
correctly read.
Figure 10 illustrates this procedure. The sequence
is as follows: read the RESVAL bit, if this is a 0, no
action needs to be taken. If this is a 1, then pop the
residual byte into the FIFO by writing to the
SS2POP location. Then read back the two status
bits RESVAL and RESFRM. If these bits read back
01, then the residual byte popped into the FIFO is
valid and can be read back from the SS2DR regis-
ter. If the bits are not 01, then there has been anoth-
er transmission received since the residual read
procedure has been started. The data item that has
been popped to the top of the FIFO will be invalid
and should be ignored. In this case, the correct byte
will have been stored in the most significant byte of
the next half-word to be clocked into the FIFO.
Note:
All the writes / reads to the FIFO are done word
at a time (data on the lower 16 bits is valid and
upper 16 bits are ignored).
Software manually pops the residual byte into the
RX FIFO by writing to the SS2POP location (the
value written is ignored). This write will strobe the
RX FIFO write signal, causing the residual byte to
be written into the FIFO.
2.17.4.2
Support for Asymmetric Traffic
The interface supports asymmetric traffic (i.e., un-
balanced data flow). This is accomplished through
separate transmit and receive frame sync control
lines. In operation, the receiving node receives a
byte of data on the eight clocks following the asser-
tion of the receive frame sync control line. In a sim-
ilar fashion, the sending node can transmit a byte of
data on the eight clocks following the assertion of
the transmit frame sync pulse. There is no correla-
tion in the frequency of assertions of the RX and
TX frame sync control lines (SSITXFR and
SSIRXFR). Hence, the RX path may bear a greater
data throughput than the TX path, or vice versa.
00
11
01
Residual bit valid
New RX byte received
Pop FIFO
New RX byte
received
Figure 10. Residual Byte Reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com