Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS89712 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 14Page - Cirrus Logic CS89712 Datasheet HTML 15Page - Cirrus Logic CS89712 Datasheet HTML 16Page - Cirrus Logic CS89712 Datasheet HTML 17Page - Cirrus Logic CS89712 Datasheet HTML 18Page - Cirrus Logic CS89712 Datasheet HTML 19Page - Cirrus Logic CS89712 Datasheet HTML 20Page - Cirrus Logic CS89712 Datasheet HTML 21Page - Cirrus Logic CS89712 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 170 page
background image
CS89712
18
DS502PP2
serted by the interrupt controller. (A descrip-
tion for each bit in this register can be found in
Section 3.6.1.
3) If interrupts are enabled the processor will
jump to the appropriate address.
4) Interrupt dispatch software reads the interrupt
status register to establish the source(s) of the
interrupt and calls the appropriate interrupt ser-
vice routine(s).
5) Software in the interrupt service routine will
clear the interrupt source by some action spe-
cific to the device requesting the interrupt (i.e.,
reading the UART RX register).
The interrupt service routine may then re-enable in-
terrupts, and any other pending interrupts will be
serviced in a similar way. Alternately, it may return
to the interrupt dispatch code, which can check for
any more pending interrupts and dispatch them ac-
cordingly. The “End of Interrupt” type interrupts
are latched. All other interrupt sources (i.e., exter-
nal interrupt source) must be held active until its re-
spective service routine starts executing. See
Section 3.13, “End Of Interrupt Locations” for
more details.
Table 7, Table 8, and Table 9 show the names and
allocation of interrupts in the CS89712.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com