Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS89712 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 35Page - Cirrus Logic CS89712 Datasheet HTML 36Page - Cirrus Logic CS89712 Datasheet HTML 37Page - Cirrus Logic CS89712 Datasheet HTML 38Page - Cirrus Logic CS89712 Datasheet HTML 39Page - Cirrus Logic CS89712 Datasheet HTML 40Page - Cirrus Logic CS89712 Datasheet HTML 41Page - Cirrus Logic CS89712 Datasheet HTML 42Page - Cirrus Logic CS89712 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
CS89712
DS502PP2
39
Both directions, however, have an absolute maxi-
mum data throughput rate determined by the maxi-
mum possible clock frequency, assuming that the
interrupt response of the target OS is quick enough.
2.17.4.3
Continuous Data Transfer
Data bytes may be sent/received in a contiguous
manner without interleaving clocks between bytes.
The frame sync control line(s) are eight clocks
apart and aligned with the clock representing bit D0
of the preceding byte (i.e. one bit before the MSB).
2.17.4.4
Discontinuous Clock
In order to save power during the idle times, the
clock line is put into a static low state. The master
is responsible for putting the link into the Idle State.
The Idle State will begin one clock, or more, after
the last byte transferred and will resume at least one
clock prior to the first frame sync assertion. To dis-
able the clock, the TX section is turned off.
In Master mode, the CS89712 does not support the
discontinuous clock.
2.17.4.5
Error Conditions
RX FIFO overflows are detected and conveyed via
a status bit in the SYSFLG2 register. This register
should be accessed at periodic intervals by the ap-
plication software. The status register should be
read each time the RX FIFO interrupts are generat-
ed. At this time the error condition (i.e., overrun
flag) will indicate that an error has occurred but
cannot convey which byte contains the error. Writ-
ing to the SRXEOF register location clears the
overrun flag. TX FIFO underflow condition is de-
tected and conveyed via a bit in the SYSFLG2 reg-
ister, which is accessed by the application software.
A TX underflow error is cleared by writing data to
be transmitted to the TX FIFO.
2.17.4.6
Clock Polarity
Clock polarity is fixed. TX data is presented on the
bus on the rising edge of the clock. Data is latched
into the receiving device on the falling edge of the
clock. The TX pin is held in a tristate condition
when not transmitting.
2.18 LCD Controller
The LCD controller provides all the necessary con-
trol signals to interface directly to a single panel
multiplexed LCD.
The panel size is programmable and can be any
width (line length) from 32 to 1024 pixels in 16-
pixel increments. The total video frame buffer size
is programmable up to 128 kbytes. This equates to
a theoretical maximum panel size of 1024 x
256 pixels in 4 bits-per-pixel mode. The video
frame buffer can be located in any portion of mem-
ory controlled by the chip selects. Its start address
will be fixed at address 0x0000.0000 within each
chip select. The start address of the LCD video
frame buffer is defined in the FBADDR[3:0] regis-
ter. These bits become the most significant nibble
of the external address bus. The default start ad-
dress is 0xC000.0000 (FBADDR = 0xC).
A system built using the on-chip SRAM (OCSR),
will then serve as the LCD video frame buffer and
miscellaneous data store. The LCD video frame
buffer start address should be set to 0x6 in this op-
tion. Programming of the register FBADDR is only
permitted when the LCD is disabled (this is to
avoid possible cycle corruption when changing the
register contents while a LCD DMA cycle is in
progress). There is no hardware protection to pre-
vent this. It is necessary to disable the LCD control-
ler before reprogramming the FBADDR register.
Full address decoding is provided for the OCSR, up
to the maximum video frame buffer size program-
mable into the LCDCON register. Beyond this, the
address is wrapped around. The frame buffer start
address must not be programmed to 0x4 or 0x5 if
either CL-PS6700 interface is in use (PCMEN1 or
PCMEN2 bits in the SYSCON2 register are en-
abled). FBADDR should never be programmed to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com