Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS89712 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 19Page - Cirrus Logic CS89712 Datasheet HTML 20Page - Cirrus Logic CS89712 Datasheet HTML 21Page - Cirrus Logic CS89712 Datasheet HTML 22Page - Cirrus Logic CS89712 Datasheet HTML 23Page - Cirrus Logic CS89712 Datasheet HTML 24Page - Cirrus Logic CS89712 Datasheet HTML 25Page - Cirrus Logic CS89712 Datasheet HTML 26Page - Cirrus Logic CS89712 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 170 page
background image
CS89712
DS502PP2
23
2.11 Memory and I/O Expansion Interface
Six separate linear memory or expansion segments
are decoded by the CS89712, two of which can be
reserved for two PC Cards, each interfacing to a
separate single CL-PS6700 device. Each segment
is 256 Mbytes in size. Two additional segments (in
addition to these six) are dedicated to the on-chip
SRAM and ROM. The on-chip ROM space is fully
decoded, and the SRAM space is decoded up to the
maximum size of the video frame buffer pro-
grammed in the LCDCON register (128 kbytes).
Beyond this address range the SRAM space is not
fully decoded (i.e., any accesses beyond 128 kbyte
range get wrapped around to within 128 kbyte
range). Any of the six segments are configured to
interface to a conventional SRAM-like interface,
and can be individually programmed to be 8-, 16-,
or 32-bits wide, to support page mode access, and
to execute from 1 to 8 wait states for non-sequential
accesses and 0 to 3 for burst mode accesses. The
zero wait state sequential access feature is designed
to support burst mode ROMs. For writable memory
devices which use the nMWE pin, zero wait state
sequential accesses are not permitted and one wait
state is the minimum which should be programmed
in the sequential field of the appropriate MEMCFG
register. Bus cycles can also be extended using the
EXPRDY input signal.
Page mode access is accomplished by setting
SQAEN = 1, enabling accesses of one random ad-
dress followed by three sequential addresses, etc.,
while keeping nCS asserted. These sequential
bursts can be up to four words long before nCS is
released to allow DMA and refreshes to take place.
This can significantly improve bus bandwidth to
devices such as ROMs which support page mode.
When SQAEN = 0, all accesses to memory are by
random access without nCS being de-asserted be-
tween accesses. Again nCS is de-asserted after four
consecutive accesses to allow DMA.
Bits 5 and 6 of the SYSCON2 register independent-
ly enable the interfaces to the CL-PS6700 (PC Card
slot drivers). When either of these interfaces are en-
abled, the corresponding chip select (nCS4 and/or
nCS5) becomes dedicated to that CL-PS6700 inter-
face. The state of SYSCON2 bit 5 determines the
function of chip select nCS4 (i.e., CL-PS6700 in-
terface or standard chip select functionality); bit 6
controls nCS5 in a similar way. There is no interac-
tion between these bits.
For applications that require a display buffer small-
er than 48k bytes, the on-chip SRAM can be used
as the frame buffer.
Before entering the Snooze State, the SRAM at
0x6000.0000 must be updated, under program con-
trol, with data to be displayed during the Snooze
State. In a system using the on-chip SRAM as the
frame buffer in normal operation, Snooze State can
be entered without requiring any data transfer first,
assuming data is stored in the on-chip SRAM in 1-
bit -per-pixel format.
The width of the boot device can be chosen by se-
lecting values of PE[1] and PE[0] during power on
reset. The inputs in Table 13 are latched by the ris-
ing edge of nPOR to select the boot option.
2.12 SDRAM Controller
The SDRAM controller provides all the connec-
tions to directly interface to up to two banks of
SDRAM, and the width of the memory interface is
programmable from 16 to 32 bits wide. Both banks
have to be of the same width. Each of the two banks
supported can be up to 256 Mbits in size. The sig-
PE[1]
PE[0]
Boot Block
(nCS0)
0
0
32-bit
0
1
8-bit
1
0
16-bit
1
1
Undefined
Table 13. Boot Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com