Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS89712 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 56Page - Cirrus Logic CS89712 Datasheet HTML 57Page - Cirrus Logic CS89712 Datasheet HTML 58Page - Cirrus Logic CS89712 Datasheet HTML 59Page - Cirrus Logic CS89712 Datasheet HTML 60Page - Cirrus Logic CS89712 Datasheet HTML 61Page - Cirrus Logic CS89712 Datasheet HTML 62Page - Cirrus Logic CS89712 Datasheet HTML 63Page - Cirrus Logic CS89712 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 170 page
background image
CS89712
60
DS502PP2
the RxStatus register, and its length can be read
from the RxLength register.
2.32.6
Receive Frame Byte Counter
The receive frame byte counter describes the num-
ber of bytes received for the current frame. The
counter is incremented in real time as bytes are re-
ceived from the Ethernet. The byte counter can be
used by the driver to determine how many bytes are
available for reading out of the Ethernet port. Max-
imum Ethernet throughput can be achieved by ded-
icating the CPU to reading this counter, and using
the count to read the frame out of the Ethernet port
at the same time it is being received by the
CS89712 from the Ethernet (parallel frame-recep-
tion and frame-read-out tasks).
Following an RxDest or Rx128 interrupt the regis-
ter contains the number of bytes which are avail-
able to be read by the CPU. When the end of frame
is reached, the count contains the final count value
for the frame, including the allowance for the Buff-
erCRC option. When this final count is read by the
CPU the count register is set to zero. Therefore to
read a complete frame using the byte count register,
the register can be read and the data moved until a
count of zero is detected. Then the RxEvent regis-
ter can be read to determine the final frame status.
The sequence is as follows:
1) At the start of a frame, the byte counter matches
the incoming character counter. The byte
counter will have an even value prior to the end
of the frame.
2) At the end of the frame, the final count, includ-
ing the allowance for the CRC (if the Buffer-
CRC option is enabled), is held until the byte
counter is read.
3) When a read of the byte counter returns a count
of zero, the previous count was the final count.
The count may now have an odd value.
4) RxEvent should be read to obtain a final status
of the frame, followed by a Skip command to
complete the operation.
Note that all RxEvents should be processed before
using the byte counter. The byte counter should be
used following a BufEvent when RxDest or Rx128
interrupts are enabled.
2.32.7
Receive Ethernet Port Locations
The receive status/length/frame locations are read
through repetitive reads from one Ethernet port at
the I/O base address.
Random access is not needed. However, the first
118 bytes of the receive frame can be accessed ran-
domly if word reads, on even word boundaries, are
used. Beyond 118 bytes, the memory reads must be
sequential. Byte reads, or reads on odd-word
boundaries, can be performed only in sequential
read mode.
The RxStatus word reports the status of the current
received frame. RxEvent has the same contents as
the RxStatus register, except RxEvent is cleared
when read.
The RxLength (receive length) word is the length,
in bytes, of the data to be transferred to the host
RAM. The register describes the length from the
start of Destination Address to the end of CRC, as-
suming that CRC has been selected (via RxCFG
register bit BufferCRC). If CRC has not been se-
lected, then the length does not include the CRC,
and the CRC is not present in the receive buffer.
After the RxLength has been read, the receive
frame can be read. When some portion of the frame
is read, the entire frame should be read before read-
ing the RxEvent register either directly or through
the ISQ register. Reading the RxEvent register sig-
nals to the Ethernet port that the software is fin-
ished with the current frame, and wants to start
processing the next frame. In this case, the current
frame will no longer be accessible. The current
frame will also become inaccessible if a Skip com-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com