Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS89712 Datasheet(PDF) 108 Page - Cirrus Logic

Part # CS89712
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712 Datasheet(HTML) 108 Page - Cirrus Logic

Back Button CS89712 Datasheet HTML 104Page - Cirrus Logic CS89712 Datasheet HTML 105Page - Cirrus Logic CS89712 Datasheet HTML 106Page - Cirrus Logic CS89712 Datasheet HTML 107Page - Cirrus Logic CS89712 Datasheet HTML 108Page - Cirrus Logic CS89712 Datasheet HTML 109Page - Cirrus Logic CS89712 Datasheet HTML 110Page - Cirrus Logic CS89712 Datasheet HTML 111Page - Cirrus Logic CS89712 Datasheet HTML 112Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 170 page
background image
CS89712
108
DS502PP2
3.16.1.1
DAI Enable (DAIEN)
The DAI enable (DAIEN) bit is used to enable and disable all DAI operation.
When the DAI is disabled, all of its clocks are powered down to minimize power consumption. Note
that DAIEN is the only control bit within the DAI interface that is reset to a known state. It is cleared
to zero to ensure the DAI timing is disabled following a reset of the device.
When the DAI timing is enabled, SCLK begins to transition and the start of the first frame is signaled
by driving the LRCK pin low. The rising and falling-edge of LRCK coincides with the rising and falling-
edge of SCLK. As long as the DAIEN bit is set, the DAI interface operates continuously, transmitting
and receiving 128 bit data frames. When the DAIEN bit is cleared, the DAI interface is disabled im-
mediately, causing the current frame which is being transmitted to be terminated. Clearing DAIEN re-
sets the DAI’s interface FIFOs. However DAI data register 3, the control register and the status
register are not reset. Therefore, the user must ensure these registers are properly reconfigured be-
fore re-enabling the DAI interface.
3.16.1.2
DAI Interrupt Generation
The DAI interface can generate four maskable interrupts and four non-maskable interrupts, as de-
scribed in the sections below. Only one interrupt line is wired into the interrupt controller for the whole
DAI interface. This interrupt is the wired OR of all eight interrupts (after masking where appropriate).
The software servicing the interrupts must read the status register in the DAI to determine which
source(s) caused the interrupt. It is possible to prevent any DAI sources causing an interrupt by mask-
ing the DAI interrupt in the interrupt controller register.
3.16.1.3
Left Channel Transmit FIFO Interrupt Mask (LCTM)
The Left channel sample transmit FIFO interrupt mask (LCTM) bit is used to mask or enable the left
channel sample transmit FIFO service request interrupt. When LATM = 0, the interrupt is masked and
the state of the Left Channel Transmit FIFO service request (LCTS) bit within the DAI status register
is ignored by the interrupt controller. When LCTM = 1, the interrupt is enabled and whenever LCTS
is set (one) an interrupt request is made to the interrupt controller. Note that programming LCTM = 0
does not affect the current state of LCTS or the Left Channel Transmit FIFO logic’s ability to set and
clear LCTS; it only blocks the generation of the interrupt request.
3.16.1.4
Left Channel Receive FIFO Interrupt Mask (LARM)
The left channel sample receive FIFO interrupt mask (LCRM) bit is used to mask or enable the Left
Channel Receive FIFO service request interrupt. When LCRM = 0, the interrupt is masked and the
state of the left channel sample receive FIFO service request (LCRS) bit within the DAI status register
is ignored by the interrupt controller. When LCRM = 1, the interrupt is enabled and whenever LCRS
is set (one) an interrupt request is made to the interrupt controller. Note that programming LCRM = 0
does not affect the current state of LCRS or the Left Channel Receive FIFO logic’s ability to set and
clear LCRS, it only blocks the generation of the interrupt request.
3.16.1.5
Right Channel Transmit FIFO Interrupt Mask (RCTM)
The Right Channel Transmit FIFO interrupt mask (RCTM) bit is used to mask or enable the right chan-
nel transmit FIFO service request interrupt. When RCTM = 0, the interrupt is masked and the state of
the Right Channel Transmit FIFO service request (RCTS) bit within the DAI status register is ignored
by the interrupt controller. When RCTM = 1, the interrupt is enabled and whenever RCTS is set (one)
an interrupt request is made to the interrupt controller. Note that programming RCTM = 0 does not
affect the current state of RCTS or the Right Channel Transmit FIFO logic’s ability to set and clear
RCTS, for it only blocks the generation of the interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com