Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2706PJT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2706PJT
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2706PJT Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM2706PJT Datasheet HTML 10Page - Texas Instruments PCM2706PJT Datasheet HTML 11Page - Texas Instruments PCM2706PJT Datasheet HTML 12Page - Texas Instruments PCM2706PJT Datasheet HTML 13Page - Texas Instruments PCM2706PJT Datasheet HTML 14Page - Texas Instruments PCM2706PJT Datasheet HTML 15Page - Texas Instruments PCM2706PJT Datasheet HTML 16Page - Texas Instruments PCM2706PJT Datasheet HTML 17Page - Texas Instruments PCM2706PJT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
14
Figure 17
0
50
100
150
200
4.0
4.5
5.0
5.5
VBUS – Supply Voltage – V
SUSPEND CURRENT
vs
SUPPLY VOLTAGE
Figure 18
0
50
100
150
200
−50
−25
0
25
50
75
100
TA – Free-Air Temperature – °C
SUSPEND CURRENT
vs
FREE-AIR TEMPERATURE
Figure 19. Output Spectrum (–60 dB, N = 8192)
f – Frequency – kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
AMPLITUDE
vs
FREQUENCY
Figure 20. Output Spectrum (–60 dB, N = 8192)
f – Frequency – kHz
−140
−120
−100
−80
−60
−40
−20
0
0
20406080
100
120
AMPLITUDE
vs
FREQUENCY
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com