Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2706PJT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2706PJT
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2706PJT Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM2706PJT Datasheet HTML 23Page - Texas Instruments PCM2706PJT Datasheet HTML 24Page - Texas Instruments PCM2706PJT Datasheet HTML 25Page - Texas Instruments PCM2706PJT Datasheet HTML 26Page - Texas Instruments PCM2706PJT Datasheet HTML 27Page - Texas Instruments PCM2706PJT Datasheet HTML 28Page - Texas Instruments PCM2706PJT Datasheet HTML 29Page - Texas Instruments PCM2706PJT Datasheet HTML 30Page - Texas Instruments PCM2706PJT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
27
TYPICAL CIRCUIT CONNECTION 1 (EXAMPLE OF USB SPEAKER)
Figure 31 illustrates a typical circuit connection for an internal-descriptor, bus-powered, 500-mA application.
TEST0
XTO
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
PCM2704DB
CK
DT
PSEL
DOUT
DGND
VDD
D–
D+
VBUS
SSPND
HOST
XTI
TEST1
HID2/MD
PGND
VCCP
HID0/MS
HID1/MC
External ROM
(Optional)
SCL
11
12
13
14
ZGND
AGNDL
VCCL
VOUTL
18
17
16
15
AGNDR
VCCR
VOUTR
VCOM
R9
C4
D–
D+
GND
R1
C2
X1
C1
SDA
S/PDIF OUT
C7
R2
USB ’B’
Connector
VBUS
C3
R3
R4
C6
SUSPEND
C5
+
C8
+
C9
+
C10
C11
R5
C12
R6 R7
R8
TPA200X
Power
Amp
VOLUME–
VOLUME+
MUTE
C13
+
C14
+
Notes:
X1: 12-MHz crystal resonator
C1, C2: 10-pF to 33-pF (depending on load capacitance of crystal resonator)
C3, C4, C5, C6, C7: 1-µF ceramic
C8: 47-µF electrolytic
C9, C10: 100-µF electrolytic (depending on tradeoff between required frequency response and discharge time for resume)
C11, C12: 0.022-µF ceramic
C13, C14: 1-µF electrolytic
R1: 1 MW
R2, R9: 1.5 kW
R3, R4: 22 W
R5, R6: 16 W
R7, R8: 330 W (depending on tradeoff between required THD performance and pop-noise level for suspend)
Output impedance of VOUTL and VOUTR during suspend mode or lack of power supply is 26 kW ±20%, which is the discharge path for C9 and C10.
External ROM power can be supplied from VCCP, but any other active component must not use VCCP, VCCL, VCCR, or VDD as a power source.
Figure 31. Bus-Powered Application
Note that the circuit illustrated above is for information only. Whole-board design should be considered to meet the
USB specification as a USB-compliant product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com