Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2706PJT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2706PJT
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2706PJT Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM2706PJT Datasheet HTML 25Page - Texas Instruments PCM2706PJT Datasheet HTML 26Page - Texas Instruments PCM2706PJT Datasheet HTML 27Page - Texas Instruments PCM2706PJT Datasheet HTML 28Page - Texas Instruments PCM2706PJT Datasheet HTML 29Page - Texas Instruments PCM2706PJT Datasheet HTML 30Page - Texas Instruments PCM2706PJT Datasheet HTML 31Page - Texas Instruments PCM2706PJT Datasheet HTML 32Page - Texas Instruments PCM2706PJT Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
30
APPENDIX
OPERATING ENVIRONMENT
For appropriate operation, one of the following operating systems must be running on a host PC equipped with a USB
port certified by the manufacturer. If these conditions are met, the operation of the PCM2704/5/6/7 does not depend
on the operating speed of the CPU. Texas Instruments has tested and confirmed the following listed operating
environments. The PCM2704/5/6/7 may work with other PCs and operating systems also, but proper operation using
them has not been tested and cannot be assured by TI.
Operating System
D Microsoftt Windowst 98SE/Windows Met Japanese/English edition (For Windows 98SE and Windows Me,
the HID function is not fully functional with the default class driver.)
D Microsoft Windows 2000 Professional Japanese/English edition
D Microsoft Windows XPt Home/Professional Japanese/English edition (For Windows XP, use the latest version
of the USB audio driver, which is available on the Windows update site, or apply Service Pack 1. See the Q310507
white paper available from Microsoft.)
D Apple Computer Mac OSt 9.1 or later Japanese/English edition
D Apple Computer Mac OS X 10.0 or later English edition
D Apple Computer Mac OS X 10.1 or later Japanese edition SP (For the Mac OS X 10.0 Japanese edition, plug
and play does not work appropriately for USB audio devices.)
PC: One of These PC-AT Compatible Computers Running a Listed OS (OS Requirement Must Be Met)
D Motherboard using Intel 440 BX or ZX chipset (using the USB controller in the chipset)
D Motherboard using Intel i810 chipset (using the USB controller in the chipset)
D Motherboard using Intel i815 chipset (using the USB controller in the chipset)
D Motherboard using Intel i820 chipset (using the USB controller in the chipset)
D Motherboard using Intel i845 chipset (using the ICH2 USB controller in the chipset)
D Motherboard using Intel i845 chipset (using the ICH4 USB controller in the chipset)
D Motherboard using Intel i850 chipset (using the USB controller in the chipset)
D Motherboard using Intel i848 chipset (using the ICH5/R USB controller in the chipset)
D Motherboard using Intel i865 chipset (using the ICH5/R USB controller in the chipset)
D Motherboard using Intel i875 chipset (using the ICH5/R USB controller in the chipset)
D Motherboard using Apollot KT133 chipset (using the USB controller in the chipset)
D Motherboard using Apollo KT333 chipset (using the USB controller in the chipset)
D Motherboard using Apollo Pro plus chipset (using the USB controller in the chipset)
D Motherboard using MVP4 or MVP3 chipset (using the USB controller in the chipset)
D Motherboard using Aladdin V chipset (using the USB controller in the chipset)
D Motherboard using SiS530 or SiS559 chipset (using the USB controller in the chipset)
D Motherboard using SiS735 chipset (using the USB controller in the chipset)
NOTE: The PCM2704/5/6/7 has been acknowledged in a USB compliance test. However, the acknowledgement is for the PCM2704/5/6/7 device
only, and does not apply to the customer’s system using the PCM2704/5/6/7.
Intel is a trademark of Intel Corporation.
Mac OS is a trademark of Apple Computer, Inc.
Microsoft, Windows, Windows Me, and Windows XP are trademarks of Microsoft Corporation.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com