Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2706PJT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2706PJT
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2706PJT Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM2706PJT Datasheet HTML 21Page - Texas Instruments PCM2706PJT Datasheet HTML 22Page - Texas Instruments PCM2706PJT Datasheet HTML 23Page - Texas Instruments PCM2706PJT Datasheet HTML 24Page - Texas Instruments PCM2706PJT Datasheet HTML 25Page - Texas Instruments PCM2706PJT Datasheet HTML 26Page - Texas Instruments PCM2706PJT Datasheet HTML 27Page - Texas Instruments PCM2706PJT Datasheet HTML 28Page - Texas Instruments PCM2706PJT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
25
Functionality of ST and ADDR Bit Combinations
ST
ADDR
FUNCTION
0
0
HID status write
0
1
HID status write and descriptor ROM address read
1
0
Descriptor ROM data write
1
1
Reserved
USB HOST INTERFACE SEQUENCE
Power-On, Attach, and Playback Sequence
The PCM2704/5/6/7 is ready for setup when the reset sequence has finished and the USB bus is attached. After a
connection has been established by setup, the PCM2704/5/6/7 is ready to accept USB audio data. While waiting for
the audio data (idle state), the analog output is set to bipolar zero (BPZ).
When receiving the audio data, the PCM2704/5/6/7 stores the first audio packet, which contains 1 ms of audio data,
into the internal storage buffer. The PCM2704/5/6/7 starts playing the audio data after detecting the next subsequent
start-of-frame (SOF) packet.
D+/D−
2.0 V (Typ.)
0 V
Internal Reset
Ready for Setup
SOF
Ready for Playback
Bus Reset
Set Configuration
SOF
SOF
BPZ
Bus Idle
3.3 V
(Typ.)
1st Audio Data
2nd Audio Data
SSPND
VOUTL
VOUTR
700
µs
Device Setup
1 ms
VDD
Figure 28. Initial Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com