Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C652 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 5 Page - NXP Semiconductors

  SC16C652 Datasheet HTML 1Page - NXP Semiconductors SC16C652 Datasheet HTML 2Page - NXP Semiconductors SC16C652 Datasheet HTML 3Page - NXP Semiconductors SC16C652 Datasheet HTML 4Page - NXP Semiconductors SC16C652 Datasheet HTML 5Page - NXP Semiconductors SC16C652 Datasheet HTML 6Page - NXP Semiconductors SC16C652 Datasheet HTML 7Page - NXP Semiconductors SC16C652 Datasheet HTML 8Page - NXP Semiconductors SC16C652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
5 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
INTA, INTB
30, 29
O
Interrupt A, B (3-State). This function is associated with individual channel interrupts,
INTA, INTB. INTA, INTB are enabled when MCR bit 3 is set to a logic 1, interrupts are
enabled in the interrupt enable register (IER), and is active when an interrupt condition
exists. Interrupt conditions include: receiver errors, available receiver buffer data, transmit
buffer empty, or when a modem status flag is detected.
IOR
19
I
Read strobe (Active-LOW strobe). A logic 0 transition on this pin will load the contents
of an internal register defined by address bits A0-A2 onto the SC16C652 data bus
(D0-D7) for access by external CPU.
IOW15
I
Write strobe (Active-LOW strobe). A logic 0 transition on this pin will transfer the
contents of the data bus (D0-D7) from the external CPU to an internal register that is
defined by address bits A0-A2.
OP2A,
OP2B
32, 9
O
Output 2 (user-defined). This function is associated with individual channels, A through
B. The state at these pin(s) are defined by the user and through MCR register bit 3. INTA,
INTB are set to the active mode and OP2 to logic 0 when MCR[3] is set to a logic 1. INTA,
INTB are set to the 3-State mode and OP2 to a logic 1 when MCR[3] is set to a logic 0.
See bit 3, Modem Control Register (MCR[3]). Since these bits control both the INTA,
INTB operation and OP2 outputs, only one function should be used at one time, INT or
OP2.
RESET
36
I
Reset (Active-HIGH). A logic 1 on this pin will reset the internal registers and all the
outputs. The UART transmitter output and the receiver input will be disabled during reset
time. (See Section 7.11 “SC16C652 external reset condition” for initialization details.)
RXRDYA,
RXRDYB
31, 18
O
Receive Ready A, B (Active-LOW). This function provides the RX FIFO/RHR status for
individual receive channels (A-B). RXRDYn is primarily intended for monitoring DMA
mode 1 transfers for the receive data FIFOs. A logic 0 indicates there is a receive data to
read/upload, i.e., receive ready status with one or more RX characters available in the
FIFO/RHR. This pin is a logic 1 when the FIFO/RHR is empty or when the programmed
trigger level has not been reached. This signal can also be used for single mode transfers
(DMA mode 0).
TXRDYA,
TXRDYB
43, 6
O
Transmit Ready A, B (Active-LOW). These outputs provide the TX FIFO/THR status for
individual transmit channels (A-B). TXRDYn is primarily intended for monitoring DMA
mode 1 transfers for the transmit data FIFOs. An individual channel’s TXRDYA, TXRDYB
buffer ready status is indicated by logic 0, i.e., at lease one location is empty and
available in the FIFO or THR. This pin goes to a logic 1 (DMA mode 1) when there are no
more empty locations in the FIFO or THR. This signal can also be used for single mode
transfers (DMA mode 0).
VCC
42
I
Power supply input.
XTAL1
13
I
Crystal or external clock input. Functions as a crystal input or as an external clock
input. A crystal can be connected between this pin and XTAL2 to form an internal
oscillator circuit. This configuration requires an external 1 M
Ω resistor between the
XTAL1 and XTAL2 pins. Alternatively, an external clock can be connected to this pin to
provide custom data rates. (See Section 6.8 “Programmable baud rate generator”.)
See Figure 3.
XTAL2
14
O
Output of the crystal oscillator or buffered clock. (See also XTAL1.) Crystal oscillator
output or buffered clock output. Should be left open if an external clock is connected to
XTAL1. For extended frequency operation, this pin should be tied to VCC via a 2 kΩ
resistor.
CDA, CDB
40, 16
I
Carrier Detect (Active-LOW). These inputs are associated with individual UART
channels A through B. A logic 0 on this pin indicates that a carrier has been detected by
the modem for that channel.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
LQFP48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com