Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C652 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 21Page - NXP Semiconductors SC16C652 Datasheet HTML 22Page - NXP Semiconductors SC16C652 Datasheet HTML 23Page - NXP Semiconductors SC16C652 Datasheet HTML 24Page - NXP Semiconductors SC16C652 Datasheet HTML 25Page - NXP Semiconductors SC16C652 Datasheet HTML 26Page - NXP Semiconductors SC16C652 Datasheet HTML 27Page - NXP Semiconductors SC16C652 Datasheet HTML 28Page - NXP Semiconductors SC16C652 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
25 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
Whenever any MSR bit 0-3 is set to logic 1, a Modem Status Interrupt will be generated.
7.9 Scratchpad Register (SPR)
The SC16C652 provides a temporary data register to store 8 bits of user information.
7.10 Enhanced Feature Register (EFR)
Enhanced features are enabled or disabled using this register.
Bits 0 through 4 provide single or dual character software flow control selection.
When the Xon1 and Xon2 and/or Xoff1 and Xoff2 modes are selected, the double
8-bit words are concatenated into two sequential numbers.
1
MSR[1]
∆DSR [1]
Logic 0 = No DSR change (normal default condition).
Logic1=The DSR input to the SC16C652 has changed state
since the last time it was read. A modem Status Interrupt will be
generated.
0
MSR[0]
∆CTS [1]
Logic 0 = No CTS change (normal default condition).
Logic1=The CTS input to the
SC16C652 has changed state
since the last time it was read. A modem Status Interrupt will be
generated.
Table 22:
Modem Status Register bits description…continued
Bit
Symbol
Description
Table 23:
Enhanced Feature Register bits description
Bit
Symbol
Description
7
EFR[7]
Automatic CTS flow control.
Logic0=Automatic CTS flow control is disabled (normal default
condition).
Logic 1 = Enable Automatic CTS flow control. Transmission will stop
when CTS goes to a logical 1. Transmission will resume when the CTS
pin returns to a logical 0.
6
EFR[6]
Automatic RTS flow control. Automatic RTS may be used for hardware flow
control by enabling EFR[6]. When Auto-RTS is selected, an interrupt will
be generated when the receive FIFO is filled to the programmed trigger
level and RTS will go to a logic 1 at the next trigger level. RTS will return to
a logic 0 when data is unloaded below the next lower trigger level
(programmed trigger level 1). The state of this register bit changes with the
status of the hardware flow control. RTS functions normally when
hardware flow control is disabled.
0 = Automatic RTS flow control is disabled (normal default condition).
1 = Enable Automatic RTS flow control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com