Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C652 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 9Page - NXP Semiconductors SC16C652 Datasheet HTML 10Page - NXP Semiconductors SC16C652 Datasheet HTML 11Page - NXP Semiconductors SC16C652 Datasheet HTML 12Page - NXP Semiconductors SC16C652 Datasheet HTML 13Page - NXP Semiconductors SC16C652 Datasheet HTML 14Page - NXP Semiconductors SC16C652 Datasheet HTML 15Page - NXP Semiconductors SC16C652 Datasheet HTML 16Page - NXP Semiconductors SC16C652 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
13 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
their normal modem control inputs pins, and instead are connected internally to RTS,
DTR, MCR[3] (OP2) and MCR[2] (OP1). Loop-back test data is entered into the
transmit holding register via the user data bus interface, D0-D7. The transmit UART
serializes the data and passes the serial data to the receive UART via the internal
loop-back connection. The receive UART converts the serial data back into parallel
data that is then made available at the user data interface D0-D7. The user optionally
compares the received data to the initial transmitted data for verifying error-free
operation of the UART TX/RX circuits.
In this mode, the receiver and transmitter interrupts are fully operational. The Modem
Control Interrupts are also operational.
Fig 4.
Internal loop-back mode diagram.
TRANSMIT
FIFO
REGISTER
TXA, TXB
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTER
RXA, RXB
SC16C652
TRANSMIT
SHIFT
REGISTER
MODEM
CONTROL
LOGIC
CLOCK AND
BAUD RATE
GENERATOR
XTAL2
XTAL1
DATA BUS
AND
CONTROL LOGIC
D0–D7
IOR
IOW
RESET
A0–A2
CSA, CSB
REGISTER
SELECT
LOGIC
INTA, INTB
TXRDYA, TXRDYB
RXRDYA, RXRDYB
INTERRUPT
CONTROL
LOGIC
002aaa350
MCR[4] = 1
CTSA, CTSB
RTSA, RTSB
DSRA, DSRB
DTRA, DTRB
RIA, RIB
(OP1A, OP1B)
CDA, CDB
(OP2A, OP2B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com