Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C652 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 10Page - NXP Semiconductors SC16C652 Datasheet HTML 11Page - NXP Semiconductors SC16C652 Datasheet HTML 12Page - NXP Semiconductors SC16C652 Datasheet HTML 13Page - NXP Semiconductors SC16C652 Datasheet HTML 14Page - NXP Semiconductors SC16C652 Datasheet HTML 15Page - NXP Semiconductors SC16C652 Datasheet HTML 16Page - NXP Semiconductors SC16C652 Datasheet HTML 17Page - NXP Semiconductors SC16C652 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
14 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.
Register descriptions
Table 9 details the assigned bit functions for the SC16C652 internal registers. The
assigned bit functions are more fully defined in Section 7.1 through Section 7.11.
[1]
The value shown in represents the register’s initialized HEX value; X = n/a.
[2]
Accessible only when LCR[7] is logic 0.
[3]
Baud rate registers accessible only when LCR[7] is logic 1.
[4]
Enhanced Feature Register, Xon-1,2 and Xoff-1,2 are accessible only when LCR is set to ‘BFHex’.
Table 9:
SC16C652 internal registers
Shaded bits are only accessible when EFR[4] is set.
A2
A1
A0
Register Default[1] Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
General Register Set[2]
0
0
0
RHR
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
0
THR
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
1
IER
00
CTS
interrupt
RTS
interrupt
Xoff
interrupt
Sleep
mode
modem
status
interrupt
Rx
receive
line
status
interrupt
transmit
holding
register
interrupt
receive
holding
register
0
1
0
FCR
00
RCVR
trigger
(MSB)
RCVR
trigger
(LSB)
TX
trigger
(MSB)
TX
trigger
(LSB)
DMA
mode
select
XMIT
FIFO
reset
RCVR
FIFO
reset
FIFOs
enable
0
1
0
ISR
01
FIFOs
enabled
FIFOs
enabled
INT
priority
bit 4
INT
priority
bit 3
INT
priority
bit 2
INT
priority
bit 1
INT
priority
bit 0
INT
status
0
1
1
LCR
00
divisor
latch
enable
set break set parity even
parity
parity
enable
stop bits
word
length
bit 1
word
length
bit 0
1
0
0
MCR
00
clock
select
0
0
loop back OP2/INT
enable
(OP1)
RTS
DTR
1
0
1
LSR
60
FIFO
data
error
THR and
TSR
empty
THR
empty
break
interrupt
framing
error
parity
error
overrun
error
receive
data
ready
1
1
0
MSR
X0
CD
RI
DSR
CTS
∆CD
∆RI
∆DSR
∆CTS
1
1
1
SPR
FF
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Special Register Set[3]
0
0
0
DLL
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
1
DLM
XX
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Enhanced Register Set[4]
0
1
0
EFR
00
Auto
CTS
Auto
RTS
Special
char.
select
Enable
IER[4-7],
ISR[4,5],
FCR[4,5],
MCR[5-7]
Cont-3
Tx, Rx
Control
Cont-2
Tx, Rx
Control
Cont-1
Tx, Rx
Control
Cont-0
Tx, Rx
Control
1
0
0
Xon-1
00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
1
0
1
Xon-2
00
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
1
1
0
Xoff-1
00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
1
1
1
Xoff-2
00
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com