Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF506BML Datasheet HTML 1Page - Micrel Semiconductor MICRF506BML Datasheet HTML 2Page - Micrel Semiconductor MICRF506BML Datasheet HTML 3Page - Micrel Semiconductor MICRF506BML Datasheet HTML 4Page - Micrel Semiconductor MICRF506BML Datasheet HTML 5Page - Micrel Semiconductor MICRF506BML Datasheet HTML 6Page - Micrel Semiconductor MICRF506BML Datasheet HTML 7Page - Micrel Semiconductor MICRF506BML Datasheet HTML 8Page - Micrel Semiconductor MICRF506BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MICRF506
410MHz and 450MHz ISM Band
Transceiver
September 2004
1
M9999-092904
(408) 955-1690
General Description
The MICRF506 is a true single-chip, frequency shift keying
(FSK) transceiver intended for use in half-duplex,
bidirectional RF links. The multi-channeled FSK transceiver
is intended for UHF radio equipment in compliance with the
European Telecommunication Standard Institute (ETSI)
specification, EN300 220.
The transmitter consists of a PLL frequency synthesizer
and power amplifier. The frequency synthesizer consists of
a voltage-controlled oscillator (VCO), a crystal oscillator,
dual modulus prescaler, programmable frequency dividers,
and a phase-detector. The loop-filter is external for flexibility
and can be a simple passive circuit. The output power of
the power amplifier can be programmed to seven levels. A
lock-detect circuit detects when the PLL is in lock. In
receive mode, the PLL synthesizer generates the local
oscillator (LO) signal. The N, M, and A values that give the
LO frequency are stored in the N0, M0, and A0 registers.
The receiver is a zero intermediate frequency (IF) type
which makes channel filtering possible with low-power,
integrated low-pass filters. The receiver consists of a low
noise amplifier (LNA) that drives a quadrature mix pair. The
mixer outputs feed two identical signal channels in phase
quadrature. Each channel includes a pre-amplifier, a third
order Sallen-Key RC low-pass filter that protects the
following switched-capacitor filter from strong adjacent
channel signals, and a limiter. The main channel filter is a
switched-capacitor implementation of a six-pole elliptic low
pass filter. The cut-off frequency of the Sallen-Key RC filter
can be programmed to four different frequencies: 100kHz,
150kHz, 230kHz, and 340kHz. The I and Q channel
outputs are demodulated and produce a digital data output.
The demodulator detects the relative phase of the I and the
Q channel signal. If the I channel signal lags behind the Q
channel, the FSK tone frequency is above the LO
frequency (data '1'). If the I channel leads the Q channel,
the FSK tone is below the LO frequency (data '0'). The
output of the receiver is available on the DataIXO pin. A
receive signal strength indicator (RSSI) circuit indicates the
received signal level. All support documentation can be
found on Micrel’s web site at www.micrel.com.
RadioWire®
Features
• True single chip transceiver
• Digital bit synchronizer
• Received signal strength indicator (RSSI)
• RX and TX power management
• Power down function
• Reference crystal tuning capabilities
• Basedband shaping
• Three-wire programmable serial interface
• Register read back function
Applications
• Telemetry
• Remote metering
• Wireless controller
• Remote data repeater
• Remote control systems
• Wireless modem
• Wireless security system


Similar Part No. - MICRF506BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF506BML MICREL-MICRF506BML Datasheet
1Mb / 42P
410MHz and 450MHz ISM Band Transceiver
More results

Similar Description - MICRF506BML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
Universal ISM Band FSK Transceiver
logo
Micrel Semiconductor
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
868MHz and 915MHz ISM Band Transceiver
MICRF620_0608 MICREL-MICRF620_0608 Datasheet
714Kb / 21P
434MHz ISM Band Transceiver Module
MICRF506 MICREL-MICRF506_06 Datasheet
1Mb / 42P
410MHz and 450MHz ISM Band Transceiver
MICRF505L MICREL-MICRF505L Datasheet
484Kb / 43P
850MHz and 950MHz ISM Band Transceiver
MICRF505 MICREL-MICRF505_07 Datasheet
474Kb / 42P
850MHz and 950MHz ISM Band Transceiver
logo
List of Unclassifed Man...
FXP245070100A ETC2-FXP245070100A Datasheet
393Kb / 5P
450MHz ISM Band Flex Circuit Antenna
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
Universal ISM Band FSK Transceiver
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
ISM Band Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com