Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506BML Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF506BML Datasheet HTML 18Page - Micrel Semiconductor MICRF506BML Datasheet HTML 19Page - Micrel Semiconductor MICRF506BML Datasheet HTML 20Page - Micrel Semiconductor MICRF506BML Datasheet HTML 21Page - Micrel Semiconductor MICRF506BML Datasheet HTML 22Page - Micrel Semiconductor MICRF506BML Datasheet HTML 23Page - Micrel Semiconductor MICRF506BML Datasheet HTML 24Page - Micrel Semiconductor MICRF506BML Datasheet HTML 25Page - Micrel Semiconductor MICRF506BML Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Micrel
MICRF506
September 2004
22
M9999-092904
(408) 955-1690
Another much more efficient encoding type is 3B4B
where three data bits are encoded into a four-bit
word. The reason for encoding is to minimize the dc
component in the modulated data. To have minimum
dc component each four bit word should include two
elements of “1” and two elements of “0”. Following
this guidance only 6 out of 8 word complies and two
encoded words needs special precaution. Whenever
000 and 111 data appear, the user must set/clear a
flag that indicate if last encoded word was “Word A”
and select the respective encoded word shown in
Table 11.
Data
Word A
Word B
000
1011
0100
001
1100
010
0011
011
1010
100
0101
101
1001
110
0110
111
1101
0010
Table 13. 3B4B Encoding
Data bits
Encoded words
Comments
000 000 000 000 000
1011 0100 1011 0100 1011
A Flag indicates if “Word
A” has been used
111 111 010 110 000
1101 0010 0011 0110 1011
A Flag indicates if “Word
A” has been used
Table 14. Example of 3B4B encoding
When modulation is selected (Mode1,Mode0=01),
the output of the charge pump will be tristated if
DataIXO is either high or low. If DataIXO is tristated,
the PLL is active. When the PLL is opened the
varactor voltage will decrease with time due to
leakage and external capacitor is connected to pin
VarIn to minimize it as shown in Figure 16.
C1
C2
C3
R1
PIN 27, CP_OUT
PIN 29, VAR_IN
Figure 16.
The modulation is applied using the modulator
described in chapter
Modulator, but since the loop is
open during modulation any kind of encoding is
allowed (NRZ, Manchester, 3B4B etc). It is important
to notice that after end of transmission the DataIxO
should be in last valid logic state before the PA
stage is turned off. This is to avoid spurious
emission. When using open-loop modulation a
deviation offset is present and has to be included in
the total deviation calculation. Figure 18 illustrate the
relationship between the frequency offset and
deviation.
The drift of the carrier over temperature is measured
as shown in Figure 17
. The loop bandwidth is
around 10kHz and the capacitor on the VarIn pin is
68nF X5R.
Drift of carrrier in openloop modulation (Hz/ms)
Vdd=2.5V
0
2
4
6
8
10
12
14
16
18
-40
-20
0
204060
80
100
Temperature (deg C)
Figure 17. Open loop leakage
Deviation
-120
-100
-80
-60
-40
-20
0
20
0
100
200
300
400
500
600
700
800
900
Peak-to-peak deviation [kHz]
MOD_A=0
MOD_A=1
MOD_A=2
Figure 18. Open loop, frequency offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com