Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506BML Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MICRF506BML Datasheet HTML 19Page - Micrel Semiconductor MICRF506BML Datasheet HTML 20Page - Micrel Semiconductor MICRF506BML Datasheet HTML 21Page - Micrel Semiconductor MICRF506BML Datasheet HTML 22Page - Micrel Semiconductor MICRF506BML Datasheet HTML 23Page - Micrel Semiconductor MICRF506BML Datasheet HTML 24Page - Micrel Semiconductor MICRF506BML Datasheet HTML 25Page - Micrel Semiconductor MICRF506BML Datasheet HTML 26Page - Micrel Semiconductor MICRF506BML Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Micrel
MICRF506
September 2004
23
M9999-092904
(408) 955-1690
When Modulation1 Modulation0 is 10, two sets of
divider values need to be programmed. The formula
for calculating the M, N and A values is given in
chapter Frequency synthesizer. The divider values
stored in the M0-, N0-, and A0- registers will be used
when transmitting a ‘0’ and the M1-, N1-, and A1-
registers will be used to transmit a ‘1’. The difference
between the two carrier frequencies corresponds to
the double sided frequency modulation. Opposite
from the modulation with the modulator, the PLL
shall now lock on a new frequency for every change
in the transmitted data. The PLL bandwidth therefore
needs to be relatively high, higher bit rate requires a
higher PLL bandwidth and vice versa. The data to
be transmitted shall be applied to pin DataIXO (see
chapter Transceiver sync-/non-synchronous mode
on how to use the pin DataClk). The DataIXO pin is
set as input in transmit mode and output in receive
mode. When set as input, a weak voltage divider will
set the level to Vdd/2, when it is not pulled up or
down by the controller. When using the modulator, it
is important that the DataIXO is kept tristated until
the transmission shall begin (when PLL is in lock
and the PA is turned on). When Data IXO is
tristated, the PLL will lock on the LO frequency
(used in receive mode). When DataIXO is set either
high or low, the RF frequency will be shifted up or
down, centered around the LO-frequency. This is
only important when using the modulator, for the
other modulation method, if DataIXO is tristated, the
M0-, N0- and A0-registers will be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com