Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506BML Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF506BML Datasheet HTML 12Page - Micrel Semiconductor MICRF506BML Datasheet HTML 13Page - Micrel Semiconductor MICRF506BML Datasheet HTML 14Page - Micrel Semiconductor MICRF506BML Datasheet HTML 15Page - Micrel Semiconductor MICRF506BML Datasheet HTML 16Page - Micrel Semiconductor MICRF506BML Datasheet HTML 17Page - Micrel Semiconductor MICRF506BML Datasheet HTML 18Page - Micrel Semiconductor MICRF506BML Datasheet HTML 19Page - Micrel Semiconductor MICRF506BML Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Micrel
MICRF506
September 2004
16
M9999-092904
(408) 955-1690
Transceiver Sync/Non-Synchronous Mode
A6..A0
D7D6
D5
D4
D3D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
Load_en
0000110
-
Mod_clkS2
Mod_clkS1
Mod_clkS0
BitSync_clkS2
BitSync_clkS1
BitSync_clkS0
BitRate_clkS2
0000111
BitRate_clkS1
BitRate_clkS0
RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
Sync_en
State
Comments
0
Rx: Bit
synchronization off
Transparent reception of
data
0
Tx: DataClk pin off
Transparent transmission
of data
1
Rx: Bit
synchronization on
Bit-clock is generated by
transceiver
1
Tx: DataClk pin on
Bit-clock is generated by
transceiver
When Sync_en = 1, it will enable the bit
synchronizer in receive mode. The bit synchronizer
clock needs to be programmed, see chapter Bit
synchronizer. The synchronized clock will be set out
on pit DataClk.
In transmit mode, when Sync_en = 1, the clock
signal on pin DataClk is a programmed bit rate clock.
Now the transceiver controls the actual data rate.
The data to be transmitted will be sampled on rising
edge of DataClk. The micro controller can therefore
use the negative edge to change the data to be
transmitted. The clock used for this purpose,
BitRate-clock, is programmed in the same way as
the modulator clock and the bit synchronizer clock:
f
BITRATE_CLK =
f
XCO
Refclk_K 2
(7-
BITRATE_clkS )
where:
fBITRATE_CLK: The clock frequency used to control
the bit rate, should be equal to the bit rate (bit
rate of 20 kbit/sec requires a clock requency of
20kHz)
fxco: Crystal oscillator frequency
Refclk_K: 6 bit divider, values between 1 and
63
BitRate_clkS: Bit rate setting, values between
0 and 6
Data Interface
The MICRF506 interface can be divided in to two
separate interfaces, a “programming interface” and a
“Data interface”. The “programming interface” has a
three wire serial programmable interface and is
described in chapter Programming.
The “data interface” can be programmed to sync-
/non-synchronous mode. In synchronous mode the
MICRF506 is defined as “Master” and provides a
data clock that allows users to utilize low cost micro
controller reference frequency.
The data interface is defined in such a way that all
user actions should take place on falling edge and is
illustrated Figure 9 and 10. The two figures illustrate
the relationship between DATACLK and DATAIXO
in receive mode and transmit mode.
MICRF506 will present data on rising edge and the
“USER” sample data on falling edge in receive
mode.
DATAIXO
DATACLK
Figure 10. Data interface in Receive Mode
The User presents data on falling edge and
MICRF506 samples on rising edge in transmit mode.
DATAIXO
DATACLK
Figure 11. Data interface in Transmit Mode
When entering transmit mode it is important to keep
DATAIXO in tri-state from the time Tx-mode is
entered until user starts sending data. The data is
provided directly to the modulation circuit and
violation of this may/will cause abnormal behavior.
Depending upon the chosen FSK modulation, some
sort of encoding might be needed. The different
modulation types and encoding is described in
chapter Frequency modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com