Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506BML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF506BML Datasheet HTML 1Page - Micrel Semiconductor MICRF506BML Datasheet HTML 2Page - Micrel Semiconductor MICRF506BML Datasheet HTML 3Page - Micrel Semiconductor MICRF506BML Datasheet HTML 4Page - Micrel Semiconductor MICRF506BML Datasheet HTML 5Page - Micrel Semiconductor MICRF506BML Datasheet HTML 6Page - Micrel Semiconductor MICRF506BML Datasheet HTML 7Page - Micrel Semiconductor MICRF506BML Datasheet HTML 8Page - Micrel Semiconductor MICRF506BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Micrel
MICRF506
September 2004
5
M9999-092904
(408) 955-1690
Symbol
Parameter
Condition
Min
Typ
Max
Units
38.4kbps,
= 2, 20dBc
140
kHz
125kbps,
= 2, 20dBc
550
kHz
Occupied bandwidth(5)
200kbps,
= 2, 20dBc
800
kHz
2nd Harmonic
-16
dBm
3rd Harmonic
-8
dBm
Spurious Emission<1GHz(5)
<-54
dBm
Spurious Emission<1GHz(5)
<-30
dBm
Receive Section
Rx Current Consumption
12
mA
LNA bypass
9.5
mA
Switch cap filter bypass with LNA
9.5
mA
Rx Current Consumption Variation
Over temperature
3
mA
Receiver Sensitivity
2.4kbps,
= 16
-113
dBm
4.8kbps,
= 16
-111
dBm
19.2kbps,
= 4
-106
dBm
38.4kbps,
= 4
-104
dBm
76.8kbps,
= 2
-101
dBm
125kbps,
= 2
-100
dBm
200kbps,
= 2
-97
dBm
125kbps, 125kHz deviation
+12
dBm
Receiver Maximum Input Power
20kbps, 40kHz deviation
+2
dBm
Over temperature
4
dB
Receiver Sensitivity Tolerance
Over power supply range
1
dB
Receiver Bandwidth
50
350
kHz
Co-Channel Rejection
T.B.D.
dB
500kHz spacing
T.B.D.
dB
Adjacent Channel Rejection
1MHz spacing
T.B.D.
dB
±1MHz
47
dB
±2MHz
48
dB
±5MHz
39
dB
Blocking
±10MHz
48
dB
Noise Figure, Cascade
T.B.D.
dB
1dB Compression
-34
dB
Input IP3
2 tones with 1MHz separation
-25
dBm
Input IP2
T.B.D.
dBm
LO Leakage
-90
dBm
<1GHz
<-57
dBm
Spurious Emission(5)
>1GHz
<-57
dBm
Input Impedance(5)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com