Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF506BML Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF506BML Datasheet HTML 8Page - Micrel Semiconductor MICRF506BML Datasheet HTML 9Page - Micrel Semiconductor MICRF506BML Datasheet HTML 10Page - Micrel Semiconductor MICRF506BML Datasheet HTML 11Page - Micrel Semiconductor MICRF506BML Datasheet HTML 12Page - Micrel Semiconductor MICRF506BML Datasheet HTML 13Page - Micrel Semiconductor MICRF506BML Datasheet HTML 14Page - Micrel Semiconductor MICRF506BML Datasheet HTML 15Page - Micrel Semiconductor MICRF506BML Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Micrel
MICRF506
September 2004
12
M9999-092904
(408) 955-1690
Values
Symbol
Parameter
Min.
Typ.
Max.
Units
Tper
Min. period of
SCLK
50
ns
Thigh
Min. high time of
SCLK
20
ns
Tlow
Min. low time of
SCLK
20
ns
tfall
Max. time of
falling edge of
SCLK
1ns
trise
Max. time of rising
edge of SCLK
1ns
Tcsr
Max. time of rising
edge of CS to
falling edge of
SCLK
0ns
Tcsf
Min. delay from
rising edge of CS
to rising edge of
SCLK
5ns
Twrite
Min. delay from
valid IO to falling
edge of SCLK
during a write
operation
0ns
Tread
Min. delay from
rising edge of
SCLK to valid IO
during a read
operation
(assuming load
capacitance of IO
is 25pF)
75
ns
Table 6. Timing Specification for the 3-wire
Programming Interface
Programming summary
•
Use CS, SCLK, and IO to get access to the
control registers in MICRF506.
•
SCLK is user-controlled.
•
Write to the MICRF506 at positive edges
(MICRF506 reads at negative edges).
•
Read from the MICRF506 at negative edges
(MICRF506 writes at positive edges)
•
After power-on: Write to the complete set of
control registers.
•
Address field is 7 bits long. Enter msb first.
•
R/W bit is 1 bit long (“1” for read, “0” for
write)
•
Address and R/W bit together make 1 octet
•
All control registers are 8 bits long.
Enter/read msb in every octet first.
•
Always write 8 bits to/read 8 bits from a
control register. This is the case for registers
with less than 8 used programming bits as
well.
•
Writing: Bring CS high, write address and
R/W bit followed by the new values to fill into
the addressed control register(s) and bring
CS low for loading, i.e. activation of the new
control register values (“load_en” = 1).
•
Reading: Bring CS high, write address and
R/W bit, set IO as an input, read present
contents of the addressed control
register(s), bring CS low and set IO an
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com