Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPW
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button MUX507IPW Datasheet HTML 19Page - Texas Instruments MUX507IPW Datasheet HTML 20Page - Texas Instruments MUX507IPW Datasheet HTML 21Page - Texas Instruments MUX507IPW Datasheet HTML 22Page - Texas Instruments MUX507IPW Datasheet HTML 23Page - Texas Instruments MUX507IPW Datasheet HTML 24Page - Texas Instruments MUX507IPW Datasheet HTML 25Page - Texas Instruments MUX507IPW Datasheet HTML 26Page - Texas Instruments MUX507IPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
VDD
VDD
VSS
VSS
GND
0.1 µF
0.1 µF
Audio Precision
VOUT
S
D
VS
RL
10
NŸ
5 VRMS
IN
VIN
RS
2
1
V
Attenuation
20 Log
V
§
·
˜
¨
¸
©
¹
Network Analyzer
VOUT
S
D
VS
V1
V2
VDD
VDD
VSS
VSS
0.1 µF
0.1 µF
RL
50
Ÿ
50
GND
23
MUX506, MUX507
www.ti.com
SBAS803 – NOVEMBER 2016
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.11 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin of an on-channel, and the output measured at the drain pin of the MUX50x. Figure 35 shows
the setup used to measure bandwidth of the mux. Use Equation 4 to compute the attenuation.
Figure 35. Bandwidth Measurement Setup
(4)
7.12 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as the
ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at the mux
output. The on-resistance of the MUX50x varies with the amplitude of the input signal and results in distortion
when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is denoted as
THD+N. Figure 36 shows the setup used to measure THD+N of the MUX50x.
Figure 36. THD+N Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com