Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPW
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button MUX507IPW Datasheet HTML 5Page - Texas Instruments MUX507IPW Datasheet HTML 6Page - Texas Instruments MUX507IPW Datasheet HTML 7Page - Texas Instruments MUX507IPW Datasheet HTML 8Page - Texas Instruments MUX507IPW Datasheet HTML 9Page - Texas Instruments MUX507IPW Datasheet HTML 10Page - Texas Instruments MUX507IPW Datasheet HTML 11Page - Texas Instruments MUX507IPW Datasheet HTML 12Page - Texas Instruments MUX507IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
MUX506, MUX507
www.ti.com
SBAS803 – NOVEMBER 2016
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
When VS is 1 V, VD is 10 V, and vice versa.
6.6 Electrical Characteristics: Single Supply
at TA = 25°C, VDD = 12 V, and VSS = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 10 V, IS = –1 mA
235
340
Ω
TA = –40°C to +85°C
390
TA = –40°C to +125°C
430
ΔRON
On-resistance match
VS = 10 V, IS = –1 mA
7
20
Ω
TA = –40°C to +85°C
35
TA = –40°C to +125°C
40
On-resistance drift
VS = 10 V
1.07
Ω/°C
IS(OFF)
Input leakage current
Switch state is off,
VS = 1 V and VD = 10 V,
or VS = 10 V and VD = 1 V
(1)
–1
0.001
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–25
25
ID(OFF)
Output off leakage current
Switch state is off,
VS = 1 V and VD = 10 V,
or VS = 10 V and VD = 1 V
(1)
–1
0.01
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–25
25
ID(ON)
Output on leakage current
Switch state is on,
VD = 1 V and 10 V, VS =
floating
–1
0.02
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–50
50
LOGIC INPUT
VIH
Logic voltage high
2.0
V
VIL
Logic voltage low
0.8
V
ID
Input current
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com