Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPW
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button MUX507IPW Datasheet HTML 10Page - Texas Instruments MUX507IPW Datasheet HTML 11Page - Texas Instruments MUX507IPW Datasheet HTML 12Page - Texas Instruments MUX507IPW Datasheet HTML 13Page - Texas Instruments MUX507IPW Datasheet HTML 14Page - Texas Instruments MUX507IPW Datasheet HTML 15Page - Texas Instruments MUX507IPW Datasheet HTML 16Page - Texas Instruments MUX507IPW Datasheet HTML 17Page - Texas Instruments MUX507IPW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Source or Drain Voltage (V)
0
3
6
9
12
0
6
12
18
24
30
D019
CS(OFF)
CD(OFF)
CD(ON)
Source or Drain Voltage (V)
0
3
6
9
12
0
6
12
18
24
30
CS(OFF)
CD(OFF)
CD(ON)
D020
Source or Drain Voltage (V)
0
6
12
18
24
30
0
6
12
18
24
30
D017
CS(OFF)
CD(OFF)
CD(ON)
Source or Drain Voltage (V)
0
6
12
18
24
30
0
6
12
18
24
30
D018
CS(OFF)
CD(OFF)
CD(ON)
Source or Drain Voltage (V)
-15
-10
-5
0
5
10
15
0
6
12
18
24
30
D015
CS(OFF)
CD(OFF)
CD(ON)
Source or Drain Voltage (V)
-15
-10
-5
0
5
10
15
0
6
12
18
24
30
D016
CS(OFF)
CD(OFF)
CD(ON)
14
MUX506, MUX507
SBAS803 – NOVEMBER 2016
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
MUX506, VDD = 15 V, VSS = –15 V
Figure 19. Capacitance vs Source Voltage
MUX507, VDD = 15 V, VSS = –15 V
Figure 20. Capacitance vs Source Voltage
MUX506, VDD = 30 V, VSS = 0 V
Figure 21. Capacitance vs Source Voltage
MUX507, VDD = 30 V, VSS = 0 V
Figure 22. Capacitance vs Source Voltage
MUX506, VDD = 12 V, VSS = 0 V
Figure 23. Capacitance vs Source Voltage
MUX507, VDD = 12 V, VSS = 0 V
Figure 24. Capacitance vs Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com