Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPW Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPW
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPW Datasheet(HTML) 28 Page - Texas Instruments

Back Button MUX507IPW Datasheet HTML 24Page - Texas Instruments MUX507IPW Datasheet HTML 25Page - Texas Instruments MUX507IPW Datasheet HTML 26Page - Texas Instruments MUX507IPW Datasheet HTML 27Page - Texas Instruments MUX507IPW Datasheet HTML 28Page - Texas Instruments MUX507IPW Datasheet HTML 29Page - Texas Instruments MUX507IPW Datasheet HTML 30Page - Texas Instruments MUX507IPW Datasheet HTML 31Page - Texas Instruments MUX507IPW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
ADS8864
REF
VINP
VINM
+
+
+
Charge
Kickback
Filter
Gain Network
Gain Network
Gain Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA350
RC Filter
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA192
OPA192
OPA140
Copyright © 2016, Texas Instruments Incorporated
28
MUX506, MUX507
SBAS803 – NOVEMBER 2016
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Applications and Implementation
9.1 Application Information
The MUX50x family offers outstanding input/output leakage currents and ultra-low charge injection. These
devices operate up to 36 V, and offer true rail-to-rail input and output. The on-capacitance of the MUX50x is very
low. These features makes the MUX50x a family of precision, robust, high-performance analog multiplexer for
high-voltage, industrial applications.
9.2 Typical Application
Figure 42 shows a 16-bit, differential, 8-channel, multiplexed, data-acquisition system. This example is typical in
industrial applications that require low distortion and a high-voltage differential input. The circuit uses the
ADS8864, a 16-bit, 400-kSPS successive-approximation-resistor (SAR) analog-to-digital converter (ADC), along
with a precision, high-voltage, signal-conditioning front end, and a 4-channel differential mux. This TI Precision
Design details the process for optimizing the precision, high-voltage, front-end drive circuit using the MUX507,
OPA192 and OPA140 to achieve excellent dynamic performance and linearity with the ADS8864.
Figure 42. 16-Bit Precision Multiplexed Data-Acquisition System for High-Voltage Inputs With Lowest
Distortion
9.2.1 Design Requirements
The primary objective is to design a ±20 V, differential, 8-channel, multiplexed, data-acquisition system with
lowest distortion using the 16-bit ADS8864 at a throughput of 400 kSPS for a 10-kHz, full-scale, pure, sine-wave
input. The design requirements for this block design are:
•
System supply voltage: ±15 V
•
ADC supply voltage: 3.3 V
•
ADC sampling rate: 400 kSPS
•
ADC reference voltage (REFP): 4.096 V
•
System input signal: A high-voltage differential input signal with a peak amplitude of 20 V and frequency
(fIN) of 10 kHz are applied to each differential input of the mux.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com