Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPW Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPW
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPW Datasheet(HTML) 26 Page - Texas Instruments

Back Button MUX507IPW Datasheet HTML 22Page - Texas Instruments MUX507IPW Datasheet HTML 23Page - Texas Instruments MUX507IPW Datasheet HTML 24Page - Texas Instruments MUX507IPW Datasheet HTML 25Page - Texas Instruments MUX507IPW Datasheet HTML 26Page - Texas Instruments MUX507IPW Datasheet HTML 27Page - Texas Instruments MUX507IPW Datasheet HTML 28Page - Texas Instruments MUX507IPW Datasheet HTML 29Page - Texas Instruments MUX507IPW Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Drain voltage (V)
-15
-10
-5
0
5
10
15
-9
-6
-3
0
3
6
9
D008
VDD = 15 V, VSS = -15 V
VDD = 10 V, VSS = -10 V
VDD = 12 V, VSS = 0 V
Source Voltage (V)
-15
-10
-5
0
5
10
15
-2
-1
0
1
2
D011
VDD = 15 V, VSS = -15 V
VDD = 10 V, VSS = -10 V
VDD = 12 V, VSS = 0 V
VDD = 5 V, VSS = -5 V
26
MUX506, MUX507
SBAS803 – NOVEMBER 2016
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
The MUX50x have special charge-injection cancellation circuitry that reduces the source-to-drain charge injection
to as low as 0.31 pC at VS = 0 V, and ±0.9 pC in the full signal range, as shown in Figure 39.
Figure 39. Source-to-Drain Charge Injection
The drain-to-source charge injection becomes important when the device is used as a demultiplexer (demux),
where D becomes the input and Sx becomes the output. Figure 40 shows the drain-to-source charge injection
across the full signal range.
Figure 40. Drain-to-Source Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com