Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPW
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPW Datasheet(HTML) 12 Page - Texas Instruments

Back Button MUX507IPW Datasheet HTML 8Page - Texas Instruments MUX507IPW Datasheet HTML 9Page - Texas Instruments MUX507IPW Datasheet HTML 10Page - Texas Instruments MUX507IPW Datasheet HTML 11Page - Texas Instruments MUX507IPW Datasheet HTML 12Page - Texas Instruments MUX507IPW Datasheet HTML 13Page - Texas Instruments MUX507IPW Datasheet HTML 14Page - Texas Instruments MUX507IPW Datasheet HTML 15Page - Texas Instruments MUX507IPW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Source Voltage (V)
-15
-10
-5
0
5
10
15
-2
-1
0
1
2
D011
VDD = 15 V, VSS = -15 V
VDD = 10 V, VSS = -10 V
VDD = 12 V, VSS = 0 V
VDD = 5 V, VSS = -5 V
Source Voltage (V)
-15
-10
-5
0
5
10
15
-2
-1
0
1
2
D027
VDD = 15 V, VSS = -15 V
VDD = 12 V, VSS = 0 V
VDD = 10 V, VSS = -10 V
VDD = 5 V, VSS = -5 V
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-900
-600
-300
0
300
600
900
D007
ID(OFF)+
IS(OFF)+
ID(ON)+
ID(OFF)-
IS(OFF)-
ID(ON)-
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-2000
-1500
-1000
-500
0
500
1000
D006
ID(OFF)+
IS(OFF)+
ID(ON)+
ID(OFF)-
IS(OFF)-
ID(ON)-
Source or Drain Voltage (V)
0
6
12
18
24
0
50
100
150
200
250
D025
Source or Drain Voltage (V)
-12
-6
0
6
12
0
50
100
150
200
250
D026
12
MUX506, MUX507
SBAS803 – NOVEMBER 2016
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
VDD = 24 V, VSS = 0 V
Figure 7. On-Resistance vs Source or Drain Voltage
VDD = 12 V, VSS = –12 V
Figure 8. On-Resistance vs Source or Drain Voltage
VDD = 15 V, VSS = –15 V
Figure 9. Leakage Current vs Temperature
Þ
VDD = 12 V, VSS = 0 V
Figure 10. Leakage Current vs Temperature
MUX506, source-to-drain
Figure 11. Charge Injection vs Source Voltage
MUX507, source-to-drain
Figure 12. Charge Injection vs Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com