Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8312AYILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8312AYILF
Description  Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8312AYILF Datasheet(HTML) 2 Page - Integrated Device Technology

  8312AYILF Datasheet HTML 1Page - Integrated Device Technology 8312AYILF Datasheet HTML 2Page - Integrated Device Technology 8312AYILF Datasheet HTML 3Page - Integrated Device Technology 8312AYILF Datasheet HTML 4Page - Integrated Device Technology 8312AYILF Datasheet HTML 5Page - Integrated Device Technology 8312AYILF Datasheet HTML 6Page - Integrated Device Technology 8312AYILF Datasheet HTML 7Page - Integrated Device Technology 8312AYILF Datasheet HTML 8Page - Integrated Device Technology 8312AYILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
©2015 Integrated Device Technology, Inc
December 14, 2015
8312I Datasheet
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 5, 8, 12, 16,
17, 21, 25, 29
GND
Power
Power supply ground.
2, 7
VDD
Power
Positive supply pins.
3
CLK_EN
Input
Pullup
Synchronous control for enabling and disabling clock outputs.
LVCMOS / LVTTL interface levels.
4
CLK
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
6
OE
Input
Pullup
Output enable. Controls enabling and disabling of outputs Q[0:11].
LVCMOS / LVTTL interface levels.
9, 11, 13, 15,
18, 20, 22, 24,
26, 28, 30, 32
Q11, Q10, Q9, Q8,
Q7, Q6, Q5, Q4,
Q3, Q2, Q1, Q0
Output
Single-ended clock outputs. LVCMOS/LVTTL interface levels.
10, 14, 19, 23,
27, 31
VDDO
Power
Output supply pins.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
CPD
Power Dissipation Capacitance
(per output); NOTE 1
VDDO = 3.465V
19
pF
VDDO = 2.625V
18
pF
VDDO = 2.V
16
pF
ROUT
Output Impedance
VDDO = 3.3V ± 5%
7
VDDO = 2.5V ± 5%
7
VDDO = 1.8V ± 0.2V
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com